Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6053 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6053
Description  175 mA, 짹12 V ADSL CPE LINE DRIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6053 Datasheet(HTML) 2 Page - Texas Instruments

  THS6053 Datasheet HTML 1Page - Texas Instruments THS6053 Datasheet HTML 2Page - Texas Instruments THS6053 Datasheet HTML 3Page - Texas Instruments THS6053 Datasheet HTML 4Page - Texas Instruments THS6053 Datasheet HTML 5Page - Texas Instruments THS6053 Datasheet HTML 6Page - Texas Instruments THS6053 Datasheet HTML 7Page - Texas Instruments THS6053 Datasheet HTML 8Page - Texas Instruments THS6053 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
THS6052, THS6053
175 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS293D − JUNE 2000 − REVISED DECEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTION
PACKAGED DEVICE
EVALUATION
TA
SOIC-8
(D)
SOIC-8 PowerPAD
(DDA)
SOIC-14
(D)
TSSOP-14
(PWP)
EVALUATION
MODULES
0
°C to 70°C
THS6052CD
THS6052CDDA
THS6053CD
THS6053CPWP
THS6052EVM
THS6053EVM
−40
°C to 85°C
THS6052ID
THS6052IDDA
THS6053ID
THS6053IPWP
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC+ to VCC−
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
± VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (see Note 1)
275 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage
± 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation at (or below) 25
°C free-air temperature
See Dissipation Ratings Table
. . . . . . . . . . .
Operating free-air temperature, TA: Commercial
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg : Commercial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Industrial
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The THS6052 and THS6053 may incorporate a PowerPAD
 on the underside of the chip. This acts as a heatsink and must be
connected to a thermally dissipating plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction
temperature which could permanently damage the device. See TI technical brief SLMA002 for more information about utilizing the
PowerPAD
thermally enhanced package.
DISSIPATION RATING TABLE
PACKAGE
θJA
θJC
TA = 25°C
TJ = 150°C
POWER RATING
D-8
95
°C/W‡
38.3
°C/W‡
1.32 W
DDA
45.8
°C/W‡
9.2
°C/W‡
2.73 W
D-14
66.6
°C/W‡
26.9
°C/W‡
1.88 W
PWP
37.5
°C/W
1.4
°C/W
3.3 W
‡ This data was taken using the JEDEC proposed high-K test PCB. For the JEDEC low-K test
PCB, the
ΘJA is168°C/W for the D−8 package and 122.3°C/W for the D−14 package.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ to VCC−
Dual supply
±5
±15
V
Supply voltage, VCC+ to VCC−
Single supply
10
30
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C


Similar Part No. - THS6053

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6053 TI-THS6053 Datasheet
509Kb / 33P
[Old version datasheet]   350 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6053CPWPR TI1-THS6053CPWPR Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6053ID TI1-THS6053ID Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6053IPWP TI1-THS6053IPWP Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6053IPWPR TI1-THS6053IPWPR Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com