Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2934IPWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2934IPWG4
Description  3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2934IPWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC2934IPWG4 Datasheet HTML 1Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 2Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 3Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 4Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 5Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 6Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 7Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 8Page - Texas Instruments TLC2934IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLC2934
3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
SLAS306 – NOVEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tr
tf
90%
10%
90%
10%
VCO OUT
Figure 1. VCO Output Voltage Waveform
50%
90%
10%
10%
50%
50%
tPHZ
tr
tf
tPLZ
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
VDD
GND
FIN– A†
FIN– B†
PFD INHIBIT
PFD OUT
(a) OUTPUT PULLDOWN
(b) OUTPUT PULLUP
† FIN-A and FIN-B are for reference phase only, not for timing.
90%
tPZL
tPZH
GND
VOH
50%
50%
50%
VDD
VOL
(see Figure 3 and PFD Output Test Conditions Table)
Figure 2. PFD Output Voltage Waveform
S1
S2
RL
CL
Test Point
PFD OUT
DUT
VDD
PARAMETER
RL
1 k
15 pF
Open
Close
Open
Close
CL
SL
S2
tPZH
tPHZ
tr
tPZL
tPLZ
tf
PFD Output Test Conditions
Figure 3. PFD Output Test Condition


Similar Part No. - TLC2934IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
112Kb / 8P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
More results

Similar Description - TLC2934IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2934 TI-TLC2934 Datasheet
112Kb / 8P
[Old version datasheet]   3.3 V 130 MHZ VCO, PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
   Phase-Frequency Detector
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
   Phase-Frequency Detector
April, 2004 ??Rev. 7
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
   Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
   Phase Frequency Detector
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
   PHASE FREQUENCY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com