Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLLR4400-AS12Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLLR4400-AS12Z
Description  Low Current LED in Ø 3 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR4400-AS12Z Datasheet(HTML) 1 Page - Vishay Siliconix

  TLLR4400-AS12Z Datasheet HTML 1Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 2Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 3Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 4Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 5Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 6Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 7Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 8Page - Vishay Siliconix TLLR4400-AS12Z Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLLG440., TLLR440., TLLY440.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Apr-13
1
Document Number: 83029
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Current LED in Ø 3 mm Tinted Diffused Package
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 3 mm
• Product series: low current
• Angle of half intensity: ± 25°
FEATURES
• Low power consumption
• High brightness
• CMOS/MOS compatible
• Specified at IF = 2 mA
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Low power DC circuits
19220
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLLR4400
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4400-AS12Z
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4400-BT12Z
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4400-MS12Z
Red
0.63
1.2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-AS12
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-AS12Z
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-BT12
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-BT21Z
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-MS21Z
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLR4401-MS21
Red
1
2
-
2
612
-
625
2
-
1.9
2.4
2
GaAsP on GaP
TLLY4400
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4400-AS12
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4400-BT12Z
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4400-MS12
Yellow
0.63
1.2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-AS12
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-AS12Z
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLY4401-MS12
Yellow
1
2
-
2
581
-
594
2
-
2.4
2.9
2
GaAsP on GaP
TLLG4400
Green
0.63
1.2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4400-AS12
Green
0.63
1.2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-AS12
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-AS12Z
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-BT12
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP
TLLG4401-BT21Z
Green
1
2
-
2
562
-
575
2
-
1.9
2.4
2
GaP on GaP


Similar Part No. - TLLR4400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR4400-AS12Z VISHAY-TLLR4400-AS12Z Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR4400-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
   Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHK4600 VISHAY-TLHK4600_V02 Datasheet
106Kb / 5P
   High Intensity LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
   High Efficiency LED in Ø 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com