Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7469DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7469DP
Description  P-Channel 80-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7469DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7469DP Datasheet HTML 1Page - Vishay Siliconix SI7469DP Datasheet HTML 2Page - Vishay Siliconix SI7469DP Datasheet HTML 3Page - Vishay Siliconix SI7469DP Datasheet HTML 4Page - Vishay Siliconix SI7469DP Datasheet HTML 5Page - Vishay Siliconix SI7469DP Datasheet HTML 6Page - Vishay Siliconix SI7469DP Datasheet HTML 7Page - Vishay Siliconix SI7469DP Datasheet HTML 8Page - Vishay Siliconix SI7469DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73438
S09-0271-Rev. C, 16-Feb-09
Vishay Siliconix
Si7469DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 80
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 79.6
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
5.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 80 V, VGS = 0 V
- 1
µA
VDS = - 80 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = - 10 V
- 40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 10.2 A
0.021
0.025
Ω
VGS = - 4.5 V, ID = - 8.1 A
0.024
0.029
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 10.2 A
52
S
Dynamicb
Input Capacitance
Ciss
VDS = - 40 V, VGS = 0 V, f = 1 MHz
4700
pF
Output Capacitance
Coss
320
Reverse Transfer Capacitance
Crss
235
Total Gate Charge
Qg
VDS = - 40 V, VGS = - 10 V, ID = - 10.2 A
105
160
nC
VDS = - 40 V, VGS = - 4.5 V, ID = - 10.2 A
55
85
Gate-Source Charge
Qgs
16
Gate-Drain Charge
Qgd
26
Gate Resistance
Rg
f = 1 MHz
4
Ω
Turn-On Delay Time
td(on)
VDD = - 40 V, RL = 4.9 Ω
ID ≅ - 8.1 A, VGEN = - 10 V, Rg = 1 Ω
45
70
ns
Rise Time
tr
220
330
Turn-Off Delay Time
td(off)
95
145
Fall Time
tf
110
165
Turn-On Delay Time
td(on)
VDD = - 40 V, RL = 4.9 Ω
ID ≅ - 8.1 A, VGEN = - 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
25
40
Turn-Off Delay Time
td(off)
105
160
Fall Time
tf
100
150
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 28
A
Pulse Diode Forward Currenta
ISM
- 40
Body Diode Voltage
VSD
IS = - 8.1 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 8.1 A, dI/dt = 100 A/µs, TJ = 25 °C
55
85
ns
Body Diode Reverse Recovery Charge
Qrr
110
165
nC
Reverse Recovery Fall Time
ta
37
ns
Reverse Recovery Rise Time
tb
18


Similar Part No. - SI7469DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI7469DP VISHAY-SI7469DP_V01 Datasheet
307Kb / 13P
   P-Channel 80-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7469DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
   P-Channel 80-V (D-S) MOSFET
Rev. D, 02-Feb-09
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2337DS VISHAY-SI2337DS Datasheet
202Kb / 3P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 31-Oct-05
logo
Analog Power
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
   P-Channel 80-V (D-S) MOSFET
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. C, 30-Jul-07
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com