Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW040217K8BYED Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPW040217K8BYED
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW040217K8BYED Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPW040217K8BYED Datasheet HTML 1Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 2Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 3Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 4Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 5Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 6Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 7Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 8Page - Vishay Siliconix TNPW040217K8BYED Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 27-Jun-12
337
TNPW e3
High Stability Thin Film Flat Chip Resistors
Vishay
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
DIMENSIONS AND MASS
TYPE
L
(mm)
W
(mm)
H
(mm)
T1/T2
(mm)
MASS
(mg)
TNPW0402 e3 1.0 ± 0.05 0.5 ± 0.05 0.35 ± 0.05 0.2 ± 0.10
0.65
TNPW0603 e3 1.6 ± 0.10 0.85 ± 0.10 0.45 ± 0.10 0.3 ± 0.20
2
TNPW0805 e3 2.0 ± 0.15 1.25 ± 0.15 0.45 ± 0.10 0.4 ± 0.20
5.5
TNPW1206 e3 3.2 ± 0.15 1.6 ± 0.15 0.55 ± 0.10 0.5 ± 0.25
10
TNPW1210 e3 3.2 ± 0.15 2.45 ± 0.15 0.60 ± 0.15 0.5 ± 0.25
16
TNPW2010 e3 5.0 ± 0.15 2.5 ± 0.15 0.60 ± 0.15 0.6 ± 0.25
28
TNPW2512 e3 6.3 ± 0.20 3.1 ± 0.15 0.60 ± 0.15 0.6 ± 0.25
39
SOLDER PAD DIMENSIONS
TYPE
REFLOW SOLDERING
WAVE SOLDERING
a
(mm)
b
(mm)
l
(mm)
a
(mm)
b
(mm)
l
(mm)
TNPW0402 e3
0.4
0.6
0.5
-
-
-
TNPW0603 e3
0.5
0.9
1.0
0.9
0.9
1.0
TNPW0805 e3
0.7
1.3
1.2
0.9
1.3
1.3
TNPW1206 e3
0.9
1.7
2.0
1.1
1.7
2.3
TNPW1210 e3
0.9
2.5
2.0
1.1
2.5
2.3
TNPW2010 e3
1.0
2.5
3.9
1.2
2.5
3.9
TNPW2512 e3
1.0
3.2
5.2
1.2
3.2
5.2
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE
E-SERIES
TNPW0402 e3
± 50 ppm/K
± 1 %
10R to 100K
24; 96
± 0.5 %
10R to 100K
24; 192
± 0.1 %
47R to 100K
± 25 ppm/K
± 1 %
10R to 100K
24; 96
± 0.5 %
10R to 100K
24; 192
± 0.1 %
47R to 100K
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.1 %
TNPW0603 e3
± 50 ppm/K
± 1 %
10R to 332K
24; 96
± 0.5 %
10R to 332K
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 332K
24; 96
± 0.5 %
10R to 332K
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 332K
± 10 ppm/K
± 0.1 %
TNPW0805 e3
± 50 ppm/K
± 1 %
10R to 1M0
24; 96
± 0.5 %
10R to 1M0
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 1M0
24; 96
± 0.5 %
10R to 1M0
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 1M0
± 10 ppm/K
± 0.1 %
TNPW1206 e3
± 50 ppm/K
± 1 %
10R to 2M0
24; 96
± 0.5 %
10R to 2M0
24; 192
± 0.1 %
± 25 ppm/K
± 1 %
10R to 2M0
24; 96
± 0.5 %
10R to 2M0
24; 192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R to 2M0
± 10 ppm/K
± 0.1 %


Similar Part No. - TNPW040217K8BYED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402100RBEED VISHAY-TNPW0402100RBEED Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
More results

Similar Description - TNPW040217K8BYED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com