Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFL4517 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFL4517
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL4517 Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFL4517 Datasheet HTML 1Page - Coilcraft lnc. PFL4517 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
ShieldedPowerInductors–PFL4517
Document 831-1
Document 831-1 Revised 12/13/11
• Lowcost,lowprofileminiaturepowerinductor
• Only1.7mmhigh;requiresamere16mm2ofboardspace
• Providesthecurrenthandlingofmuchlargerinductors;up
to6.5A.
Inductance2
DCR (mOhms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
PFL4517-681ME_
0.68
40
50
375
4.1
6.0
6.5
1.9
2.7
PFL4517-102ME_
1.0
50
60
300
3.5
4.8
5.3
1.7
2.3
PFL4517-222ME_
2.2
78
95
235
2.7
4.0
4.2
1.4
1.8
PFL4517-332ME_
3.3
150
180
205
2.2
2.9
3.2
0.85
1.2
PFL4517-472ME_
4.7
210
250
185
2.0
2.7
3.0
0.80
1.1
PFL4517-562ME_
5.6
240
290
170
1.7
2.4
2.6
0.70
1.0
PFL4517-822ME_
8.2
390
460
150
1.4
2.1
2.3
0.50
0.69
PFL4517-103ME_
10
620
700
97
1.0
1.4
1.5
0.63
0.83
Core material Composite
Environmental RoHScompliant,halogenfree
Terminations RoHScompliant,mattetinovernickeloversilver-
platinum-glassfrit.Otherterminationsavailableatadditionalcost.
Weight 89.8mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+125°Cwithderatedcurrent
Storage temperature Component:–40°Cto+125°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38perbillionhours/26,315,789hours,calculatedperTelcordiaSR-332
Packaging 1000/7
″reel;5000/13″reel.Plastictape:12mmwide,
0.21mmthick,8mmpocketspacing,1.65mmpocketdepth
PCB washing Onlypurewateroralcoholrecommended
1. Whenordering,pleasespecify
packagingcode:
PFL4517-103MEC
Packaging: C =7
″machine-readyreel.EIA-481embossedplastictape(1000partsperfullreel).
B =Lessthanfullreel.Intape,butnotmachineready.Tohavealeaderandtraileradded($25charge),usecodeletterCinstead.
D = 13
″machine-readyreel.EIA-481embossedplastictape.Factoryorderonly,notstocked(5000partsperfullreel).
2. Inductancetestedat100kHz,0.1Vrms,0Adc.
3. DCRmeasuredusingamicro-ohmmeter.
4. SRFmeasuredusinganAgilent/HP8753DnetworkanalyzerandaCoilcraftSMD-Dtestfixture.
5. DCcurrentthatcausesthespecifiedinductancedropfromitsvaluewithoutcurrent.
6. Currentthatcausesthespecifiedtemperaturerisefrom25°Cambient.
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”beforesoldering.


Similar Part No. - PFL4517

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL4514-102MEB COILCRAFT-PFL4514-102MEB Datasheet
380Kb / 2P
   Shielded Power Inductors
PFL4514-102MEC COILCRAFT-PFL4514-102MEC Datasheet
380Kb / 2P
   Shielded Power Inductors
PFL4514-102MED COILCRAFT-PFL4514-102MED Datasheet
380Kb / 2P
   Shielded Power Inductors
PFL4514-103MEB COILCRAFT-PFL4514-103MEB Datasheet
380Kb / 2P
   Shielded Power Inductors
PFL4514-103MEC COILCRAFT-PFL4514-103MEC Datasheet
380Kb / 2P
   Shielded Power Inductors
More results

Similar Description - PFL4517

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com