Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1013IRUGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1013IRUGR
Description  Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013IRUGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1013IRUGR Datasheet HTML 3Page - Texas Instruments ADS1013IRUGR Datasheet HTML 4Page - Texas Instruments ADS1013IRUGR Datasheet HTML 5Page - Texas Instruments ADS1013IRUGR Datasheet HTML 6Page - Texas Instruments ADS1013IRUGR Datasheet HTML 7Page - Texas Instruments ADS1013IRUGR Datasheet HTML 8Page - Texas Instruments ADS1013IRUGR Datasheet HTML 9Page - Texas Instruments ADS1013IRUGR Datasheet HTML 10Page - Texas Instruments ADS1013IRUGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
12-Bit
ADC
DS
I C
Interface
2
Voltage
Reference
Oscillator
ALERT/RDY
SCL
SDA
ADDR
Gain=2/3, 1,
2,4,8,or16
PGA
Comparator
ADS1015
AIN1
AIN2
GND
AIN0
AIN3
VDD
MUX
ADS1013
ADS1014
ADS1015
www.ti.com
SBAS473C – MAY 2009 – REVISED OCTOBER 2009
OVERVIEW
of a differential, switched-capacitor
ΔΣ modulator
The ADS1013/4/5 are very small, low-power, 12-bit,
followed by a digital filter. Input signals are compared
delta-sigma (
ΔΣ) analog-to-digital converters (ADCs).
to the internal voltage reference. The digital filter
The ADS1013/4/5 are extremely easy to configure
receives a high-speed bitstream from the modulator
and design into a wide variety of applications, and
and outputs a code proportional to the input voltage.
allow precise measurements to be obtained with very
little effort. Both experienced and novice users of
The ADS1013/4/5 have two available conversion
data converters find designing with the ADS1013/4/5
modes: single-shot mode and continuous conversion
family to be intuitive and problem-free.
mode. In single-shot mode, the ADC performs one
conversion of the input signal upon request and
The ADS1013/4/5 consist of a
ΔΣ analog-to-digital
stores the value to an internal result register. The
(A/D)
core
with
adjustable
gain
(excludes
the
device then enters a low-power shutdown mode. This
ADS1013), an internal voltage reference, a clock
mode is intended to provide significant power savings
oscillator, and an I2C interface. An additional feature
in systems that only require periodic conversions or
available on the ADS1014/5 is a programmable digital
when
there
are
long
idle
periods
between
comparator that provides an alert on a dedicated pin.
conversions. In continuous conversion mode, the
All of these features are intended to reduce required
ADC automatically begins a conversion of the input
external circuitry and improve performance. Figure 8
signal as soon as the previous conversion is
shows the ADS1015 functional block diagram.
completed. The rate of continuous conversion is
equal to the programmed data rate. Data can be read
The ADS1013/4/5 A/D core measures a differential
at any time and always reflect the most recent
signal, VIN, that is the difference of AINP and AINN. A
completed conversion.
MUX is available on the ADS1015. This architecture
results
in
a
very
strong
attenuation
of
any
common-mode signals. The converter core consists
Figure 8. ADS1015 Functional Block Diagram
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1013 ADS1014 ADS1015


Similar Part No. - ADS1013IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1013IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com