Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809P Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7809P
Description  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809P Datasheet(HTML) 3 Page - Texas Instruments

  ADS7809P Datasheet HTML 1Page - Texas Instruments ADS7809P Datasheet HTML 2Page - Texas Instruments ADS7809P Datasheet HTML 3Page - Texas Instruments ADS7809P Datasheet HTML 4Page - Texas Instruments ADS7809P Datasheet HTML 5Page - Texas Instruments ADS7809P Datasheet HTML 6Page - Texas Instruments ADS7809P Datasheet HTML 7Page - Texas Instruments ADS7809P Datasheet HTML 8Page - Texas Instruments ADS7809P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADS7809
3
SBAS017C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors (see Figure 4), unless otherwise specified.
ADS7809U
ADS7809UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Ranges
±10, 0V to 5V, etc. (See Table I)
Impedance
See Table I
Capacitance
35
pF
THROUGHPUT SPEED
Complete Cycle
Acquire and Convert
10
µs
Throughput Rate
100
kHz
DC ACCURACY
Integral Linearity Error
±3
±2
LSB(1)
Differential Linearity Error
+3, –2
±1LSB
No Missing Codes
15
16
Bits
Transition Noise(2)
1.3
LSB
Full-Scale Error(3,4)
±0.5
%
Full-Scale Error Drift
±7
ppm/
°C
Full-Scale Error(3,4)
Ext. 2.5000V Ref
±0.5
%
Full-Scale Error Drift
Ext. 2.5000V Ref
±2
ppm/
°C
Bipolar Zero Error(3)
Bipolar Ranges
±10
mV
Bipolar Zero Error Drift
Bipolar Ranges
±2
ppm/
°C
Unipolar Zero Error(3)
0V to 10V Ranges
±5
mV
Unipolar Zero Error(3)
0V to 4V, 0V to 5V Ranges
±3
mV
Unipolar Zero Error Drift
Unipolar Ranges
±2
ppm/
°C
Recovery to Rated Accuracy
1
µF Capacitor to CAP
1
ms
after Power-Down
Power-Supply Sensitivity
+4.75V < VD < +5.25V
±8
LSB
(VDIG = VANA = VD)
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 20kHz
90
100
96
dB(5)
Total Harmonic Distortion
fIN = 20kHz
–100
–90
–94
dB
Signal-to-(Noise + Distortion)
fIN = 20kHz
83
88
86
dB
–60dB Input
30
32
dB
Signal-to-Noise
fIN = 20kHz
83
88
86
dB
Full-Power Bandwidth(6)
250
kHz
SAMPLING DYNAMICS
Aperture Delay
40
ns
Transient Response
FS Step
2
µs
Overvoltage Recovery(7)
150
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
✻✻
V
Internal Reference Source Current
1
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
✻✻
V
For Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
✻✻
V
VIH(8)
+2.0
VD + 0.3V
✻✻
V
IIL
VIL = 0V
±10
µA
IIH
VIH = 5V
±10
µA


Similar Part No. - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809P BURR-BROWN-ADS7809P Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809PB BURR-BROWN-ADS7809PB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809PB TI1-ADS7809PB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com