Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809UG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7809UG4
Description  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809UG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7809UG4 Datasheet HTML 1Page - Texas Instruments ADS7809UG4 Datasheet HTML 2Page - Texas Instruments ADS7809UG4 Datasheet HTML 3Page - Texas Instruments ADS7809UG4 Datasheet HTML 4Page - Texas Instruments ADS7809UG4 Datasheet HTML 5Page - Texas Instruments ADS7809UG4 Datasheet HTML 6Page - Texas Instruments ADS7809UG4 Datasheet HTML 7Page - Texas Instruments ADS7809UG4 Datasheet HTML 8Page - Texas Instruments ADS7809UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ADS7809
5
SBAS017C
www.ti.com
PIN #
NAME
DESCRIPTION
PIN ASSIGNMENTS
1R1IN
Analog Input. See Table I and Figure 4 for input range connections.
2
AGND1
Analog Ground. Used internally as ground reference point. Minimal current flow.
3R2IN
Analog Input. See Table I and Figure 4 for input range connections.
4R3IN
Analog Input. See Table I and Figure 4 for input range connections.
5
CAP
Reference Buffer Capacitor. 2.2
µF Tantalum to ground.
6
REF
Reference Input/Output. Outputs internal 2.5V reference. Can also be driven by external system reference. In both cases,
bypass to ground with a 2.2
µF Tantalum capacitor.
7
AGND2
Analog Ground
8
SB/BTC
Select Straight Binary or Binary Two’s Complement data output format. If HIGH, data will be output in a Straight Binary format. If
LOW, data will be output in a Binary Two’s Complement format.
9
EXT/INT
Select External or Internal Clock for transmitting data. If HIGH, data will be output synchronized to the clock input on DATACLK. If
LOW, a convert command will initiate the transmission of the data from the previous conversion, along with 16 clock pulses output
on DATACLK.
10
DGND
Digital Ground
11
SYNC
Synch Output. If EXT/INT is HIGH, either a rising edge on R/C with CS LOW or a falling edge on CS with R/C HIGH will output a
pulse on SYNC synchronized to the external DATACLK.
12
DATACLK
Either an input or an output depending on the EXT/INT level. Output data will be synchronized to this clock. If EXT/INT is LOW,
DATACLK will transmit 16 pulses after each conversion, and then remain LOW between conversions.
13
DATA
Serial Data Output. Data will be synchronized to DATACLK, with the format determined by the level of SB/BTC. In the external clock
mode, after 16 bits of data, the ADS7809 will output the level input on TAG as long as CS is LOW and R/C is HIGH (see Figure 3). If
EXT/INT is LOW, data will be valid on both the rising and falling edges of DATACLK, and between conversions DATA will stay at the
level of the TAG input when the conversion was started.
14
TAG
Tag Input for use in external clock mode. If EXT/INT is HIGH, digital data input on TAG will be output on DATA with a delay of 16
DATACLK pulses as long as CS is LOW and R/C is HIGH. See Figure 3.
15
R/C
Read/Convert Input. With CS LOW, a falling edge on R/C puts the internal sample-and-hold into the hold state and starts a conversion.
When EXT/INT is LOW, this also initiates the transmission of the data results from the previous conversion. If EXT/INT is HIGH, a
rising edge on R/C with CS LOW, or a falling edge on CS with R/C HIGH, transmits a pulse on SYNC and initiates the transmission of
data from the previous conversion.
16
CS
Chip Select. Internally OR’ed with R/C.
17
BUSY
Busy Output. Falls when a conversion is started, and remains LOW until the conversion is completed and the data is latched into the
output shift register. CS or R/C must be HIGH when BUSY rises, or another conversion will start without time for signal acquisition.
18
PWRD
Power Down Input. If HIGH, conversions are inhibited and power consumption is significantly reduced. Results from the previous
conversion are maintained in the output shift register.
19
VANA
Analog Supply Input. Nominally +5V. Connect directly to pin 20, and decouple to ground with 0.1
µF ceramic and 10µF tantalum
capacitors.
20
VDIG
Digital Supply Input. Nominally +5V. Connect directly to pin 19. Must be
≤ V
ANA.
PIN CONFIGURATION
V
DIG
V
ANA
PWRD
BUSY
CS
R/C
TAG
DATA
DATACLK
SYNC
R1
IN
AGND1
R2
IN
R3
IN
CAP
REF
AGND2
SB/BTC
EXT/INT
DGND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADS7809
ANALOG
CONNECT R1IN
CONNECT R2IN
INPUT
VIA 200
VIA 100
CONNECT R3IN
RANGE
TO
TO
TO
IMPEDANCE
±10V
VIN
AGND
CAP
22.9k
±5V
AGND
VIN
CAP
13.3k
±3.33V
VIN
VIN
CAP
10.7k
0V to 10V
AGND
VIN
AGND
13.3k
0V to 5V
AGND
AGND
VIN
10.0k
0V to 4V
VIN
AGND
VIN
10.7k
TABLE I. Input Range Connections. See Figure 4 for complete
information.
FIGURE 1. Basic Conversion Timing.
MODE Acquire
t
4
t
5
t
1
t
3
t
7
t
6
Convert
Acquire
t
2
BUSY
CS, R/C


Similar Part No. - ADS7809UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7809UG4 TI1-ADS7809UG4 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com