Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1776555-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-1776555-7
Description  TERMINAL BLOCK PCB MOUNT, TOP WIRE ENTRY, LOW PROFILE, W/ INTERLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1776555-7 Datasheet(HTML) 2 Page - Tyco Electronics

  1-1776555-7 Datasheet HTML 1Page - Tyco Electronics 1-1776555-7 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-1776555-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1776038-0 MACOM-1-1776038-0 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, HIGH TEMPERATURE, 5.08mm PITCH
1-1776038-1 MACOM-1-1776038-1 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, HIGH TEMPERATURE, 5.08mm PITCH
1-1776038-2 MACOM-1-1776038-2 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, HIGH TEMPERATURE, 5.08mm PITCH
1-1776038-3 MACOM-1-1776038-3 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, HIGH TEMPERATURE, 5.08mm PITCH
1-1776038-4 MACOM-1-1776038-4 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, HIGH TEMPERATURE, 5.08mm PITCH
More results

Similar Description - 1-1776555-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1776493 MACOM-1776493 Datasheet
66Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/ INTERLOCK
C-282862 MACOM-C-282862 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
C-796748 MACOM-C-796748 Datasheet
55Kb / 1P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.0mm PITCH
C-282851 MACOM-C-282851 Datasheet
70Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-796417 MACOM-C-796417 Datasheet
175Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT TOP WIRE ENTRY, W/INTERLOCK, 3.5MM PITCH
C-282863 MACOM-C-282863 Datasheet
67Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.08mm, PITCH
C-796684 MACOM-C-796684 Datasheet
64Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5mm PITCH
284093-2 MACOM-284093-2 Datasheet
180Kb / 2P
   TERMINAL BLOCK, PCB MOUNT TOP ENTRY WIRE, STACKING W/INTERLOCK, 5.00mm PITCH
C-284414 MACOM-C-284414 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.5mm, PITCH
C-284415 MACOM-C-284415 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PCB MOUNT 90 TOP ENTRY WIRE, STACKING W/INTERLOCK, 3.81mm, PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com