Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC04PWTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC04PWTE4
Description  HEX INVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04PWTE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC04PWTE4 Datasheet HTML 1Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC04PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NOTES: A. C includesprobeandtest-fixturecapacitance.
B. Phaserelationshipsbetweenwaveformswerechosenarbitrarily. Allinputpulsesaresuppliedbygeneratorshavingthefollowing
characteristics:PRR
1MHz,Z =50
,t =6ns,t =6ns.
C. Theoutputsaremeasuredoneatatimewithoneinputtransitionpermeasurement.
D.t
andt
arethesameast .
L
O
r
f
PLH
PHL
pd
FromOutput
UnderTest
C =50pF
(seeNote A)
L
LOADCIRCUIT
Test
Point
VOLTAGEWAVEFORMS
INPUTRISE ANDFALL TIMES
Input
90%
90%
50%
50%
10%
10%
t
f
t
r
0V
V
CC
VOLTAGEWAVEFORMS
PROPAGATIONDELAY ANDOUTPUTTRANSITIONTIMES
t
PLH
t
PLH
t
PHL
t
PHL
Input
In-Phase
Output
Out-of-Phase
Output
90%
90%
90%
50%
10%
10%
10%
50%
50%
50%
50%
t
f
t
f
t
r
90%
10%
50%
t
r
V
CC
V
OL
V
OH
V
OH
0V
V
OL
SN54HC04, SN74HC04
SCLS078E – DECEMBER 1982 – REVISED OCTOBER 2010
www.ti.com
PARAMETER MEASURMENT INFORMATION
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback
Copyright © 1982–2010, Texas Instruments Incorporated
Product Folder Link(s): SN54HC04, SN74HC04


Similar Part No. - SN74HC04PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04PWT TI-SN74HC04PWT Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWT TI1-SN74HC04PWT Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
More results

Similar Description - SN74HC04PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com