Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3404F Datasheet(PDF) 4 Page - Rohm

Part # BA3404F
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3404F Datasheet(HTML) 4 Page - Rohm

  BA3404F Datasheet HTML 1Page - Rohm BA3404F Datasheet HTML 2Page - Rohm BA3404F Datasheet HTML 3Page - Rohm BA3404F Datasheet HTML 4Page - Rohm BA3404F Datasheet HTML 5Page - Rohm BA3404F Datasheet HTML 6Page - Rohm BA3404F Datasheet HTML 7Page - Rohm BA3404F Datasheet HTML 8Page - Rohm BA3404F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
4/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
○BA2904/BA2902 family
Parameter
Symbol
Ratings
Unit
BA2904S F/FV/FVM
BA2902S F/FV/KN
BA2904F/FV/FVM
BA2902F/FV/KN
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*6)
Vid
32
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~(VEE+32)
V
Operating Temperature Range
Topr
-40~+105
-40~+125
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
Note:Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(*6) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE.
●Electric Characteristics
○BA2904 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA2904S F/FV/FVM
BA2904F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*7) (*8)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
-
-
10
VCC=5~30[V],VOUT=1.4[V]
Input Offset Voltage Drift
△Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4[V]
Input Offset Current
(*7) (*8)
Iio
25℃
-
2
50
nA
VOUT=1.4[V]
Full range
-
-
200
Input Offset Current Drift
△lio/△T-
-
±10
-
pA/℃ VOUT=1.4[V]
Input Bias Current
(*7) (*8)
Ib
25℃
-
20
250
nA
VOUT=1.4[V]
Full range
-
-
250
Supply Current
(*8)
ICC
25℃
-
0.7
1.2
mA
RL=
∞All Op-Amps
Full range
-
-
2
High Level Output Voltage
(*8)
VOH
25℃
3.5
-
-
V
RL=2[k
Ω]
Full range
27
28
-
VCC=30[V],RL=10[k
Ω]
Low Level Output Voltage
(*8)
VOL
Full range
-
5
20
mV
RL=
∞ All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV
RL≧2[k
Ω],VCC=15[V]
VOUT=1.4~11.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output Source Current
(*8) (*9)
IOH
25℃
20
30
-
mA
VIN+=1[V],VIN-=0[V]
VOUT=0[V] 1CH is short circuit
Full range
10
-
-
Output Sink Current
(*8) (*9)
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V]
VOUT=5[V] 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0[V],VIN-=1[V]
VOUT=200[mV]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
Slew rate
SR
25℃
-
0.2
-
V/
μs VCC=15[V],AV=0[dB],
RL=2[k
Ω],CL=100[pF]
Maximum frequency
ft
25℃
-
0.5
-
MHz
VCC=30[V],RL=2[k
Ω],
CL=100[pF]
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15[V],VEE=-15[V],
RS=100[
Ω],Vi=0[V],f=1[kHz]
(*7)
Absolute value
(*8)
BA2904S family:Full range -40~+105℃ BA2904 family:Full range -40~+125℃
(*9)
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Similar Part No. - BA3404F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3404F ROHM-BA3404F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
121Kb / 3P
   Monolithic IGs
BA3404F ROHM-BA3404F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404F ROHM-BA3404F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA3404F ROHM-BA3404F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA3404F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com