Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10358FV Datasheet(PDF) 11 Page - Rohm

Part # BA10358FV
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358FV Datasheet(HTML) 11 Page - Rohm

Back Button BA10358FV Datasheet HTML 7Page - Rohm BA10358FV Datasheet HTML 8Page - Rohm BA10358FV Datasheet HTML 9Page - Rohm BA10358FV Datasheet HTML 10Page - Rohm BA10358FV Datasheet HTML 11Page - Rohm BA10358FV Datasheet HTML 12Page - Rohm BA10358FV Datasheet HTML 13Page - Rohm BA10358FV Datasheet HTML 14Page - Rohm BA10358FV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
11/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○BA2904 family
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Supply Current - Supply Voltage
Supply Current - Ambient Temperature
Derating Curve
Maximum Output Voltage - Supply Voltage
(RL=10[k
Ω])
Maximum Output Voltage - Ambient Temperature
(VCC=5[V],RL=2[k
Ω])
Output Source Current - Output Voltage
(VCC=5[V])
Output Source Current - Ambient Temperature
(VOUT=0[V])
Output Sink Current - Output Voltage
(VCC=5[V])
Output Sink Current - Ambient Temperature
(VOUT=VCC)
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125 150
AMBIENT TEMPERATURE [
℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
25℃
-40℃
-40℃
25℃
105℃
125℃
105℃
125℃
BA2904 family
BA2904 family
BA2904 family
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
15V
3V
5V
-40℃
25℃
105℃
3V
5V
15V
125℃
BA2904 family
BA2904 family
BA2904 family
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
125℃
25℃
32V
5V
3V
-40℃
25℃
125℃
105℃
105℃
BA2904 family
BA2904 family
BA2904 family
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [
℃]
25℃
125℃
-40℃
3V
32V
5V
BA2904F
BA2904 family
BA2904FV
BA2904FVM
BA2904SFV
BA2904SFVM
105
105℃
BA2904 family
BA2904 family
BA2904SF
Fig. 49
Fig. 50
Fig. 51
Fig. 52
Fig. 53
Fig. 54
Fig. 55
Fig. 56
Fig. 57
Fig. 58
Fig. 59
Fig. 60


Similar Part No. - BA10358FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358FV ROHM-BA10358FV	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358FV ROHM-BA10358FV Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
BA10358FV ROHM-BA10358FV Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358FV ROHM-BA10358FV Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358FV ROHM-BA10358FV Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10358FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com