Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NA41 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3X-NA41
Description  Simple Fiber Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NA41 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3X-NA41 Datasheet HTML 1Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 2Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 3Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 4Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 5Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 6Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 7Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 8Page - Omron Electronics LLC E3X-NA41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Simple Fiber Amplifier
E3X-SD/-NA
The Highest Level of Power and Precision
in the Industry with “GIGA RAY”
Giga Power Lighting Element
• Stable detection of minute objects even when the
Sensor is covered with dust and oil in severe
environments.
• Quick-tuning to automatically adjust light
level and set threshold value.
• Use the one-key one-function feature for quick,
easy operation.
• Reasonable price.
Ordering Information
Amplifier Units [Refer to Dimensions on page 13.]
Digital Display and Direct Key Setting
*An Amplifier Unit Connector (sold separately) is required.
Bar Display and Adjuster Setting
*1. An Amplifier Unit Connector (sold separately) is required.
*2. A Sensor I/O Connector (sold separately) is required.
Item
Appearance
Connection
method
Ratings and
Specifications
Model
NPN output
PNP output
Standard models
Pre-wired (2 m)
---
E3X-SD21 2M
E3X-SD51 2M
Wire-saving
connector *
E3X-SD7
E3X-SD9
Item
Appearance
Connection
method
Ratings and
Specifications
Model
NPN output
PNP output
Standard models
Pre-wired (2 m)
---
E3X-NA11 2M
E3X-NA41 2M
Wire-saving
connector *1
E3X-NA6
E3X-NA8
High-speed
detection models
Pre-wired (2 m)
Response time: 20
μs
E3X-NA11F 2M
E3X-NA41F 2M
Water-resistant
models
Pre-wired (2 m)
Degree of protection:
IP66
E3X-NA11V 2M
E3X-NA41V 2M
Connector (M8) *2
E3X-NA14V
E3X-NA44V


Similar Part No. - E3X-NA41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NA41 OMRON-E3X-NA41 Datasheet
760Kb / 14P
   Manual Fiber Amplifier
E3X-NA412M OMRON-E3X-NA412M Datasheet
760Kb / 14P
   Manual Fiber Amplifier
E3X-NA41F OMRON-E3X-NA41F Datasheet
760Kb / 14P
   Manual Fiber Amplifier
E3X-NA41F2M OMRON-E3X-NA41F2M Datasheet
760Kb / 14P
   Manual Fiber Amplifier
E3X-NA41V OMRON-E3X-NA41V Datasheet
760Kb / 14P
   Manual Fiber Amplifier
More results

Similar Description - E3X-NA41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3XNA11V2M OMRON-E3XNA11V2M Datasheet
2Mb / 20P
   Simple Fiber Amplifier
logo
Emcore Corporation
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200_11 Datasheet
497Kb / 4P
   CATV Fiber Amplifier
logo
Omron Electronics LLC
E3X-NA512M OMRON-E3X-NA512M Datasheet
760Kb / 14P
   Manual Fiber Amplifier
logo
Emcore Corporation
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-4595Z AVAGO-AFBR-4595Z Datasheet
388Kb / 2P
   Simple Cutting Tool for Polymer Optical Fiber
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com