Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C0G1C080D Datasheet(PDF) 9 Page - TDK Electronics

Part # C0402C0G1C080D
Description  C Series General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C080D Datasheet(HTML) 9 Page - TDK Electronics

Back Button C0402C0G1C080D Datasheet HTML 5Page - TDK Electronics C0402C0G1C080D Datasheet HTML 6Page - TDK Electronics C0402C0G1C080D Datasheet HTML 7Page - TDK Electronics C0402C0G1C080D Datasheet HTML 8Page - TDK Electronics C0402C0G1C080D Datasheet HTML 9Page - TDK Electronics C0402C0G1C080D Datasheet HTML 10Page - TDK Electronics C0402C0G1C080D Datasheet HTML 11Page - TDK Electronics C0402C0G1C080D Datasheet HTML 12Page - TDK Electronics C0402C0G1C080D Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 11
Capacitance
Range Chart
C0603 [EIA CC0201]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 50V (1H), 25V (1E)
Standard Thickness
• Standard capacitance is shown. Please refer to Capacitance Range Table for additional capacitance values.
0.30 mm
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
1E
(25V)
0.2
0R2
W: ± 0.05pF
B: ± 0.10pF
C: ± 0.25pF
D: ± 0.50pF
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.75
R75
0.8
0R8
0.9
0R9
1
010
1.1
1R1
1.2
1R2
1.3
1R3
1.5
1R5
1.6
1R6
1.8
1R8
2
020
2.2
2R2
2.4
2R4
2.7
2R7
3
030
3.3
3R3
3.6
3R6
3.9
3R9
4.3
4R3
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
1E
(25V)
6.8
6R8
B: ± 0.10pF
E: ± 0.20pF
C: ± 0.25pF
D: ± 0.50pF
G: ± 2%
J: ± 5%
7.5
7R5
8.2
8R2
9.1
9R1
10
100
11
110
12
120
13
130
15
150
16
160
18
180
20
200
22
220
24
240
27
270
30
300
33
330
36
360
39
390
43
430
47
470
51
510
56
560
62
620
68
680
75
750
82
820
91
910
100
101


Similar Part No. - C0402C0G1C080D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C080D020BC TDK-C0402C0G1C080D020BC Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C0402C0G1C080D020BC TDK-C0402C0G1C080D020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C080D020BC TDK-C0402C0G1C080D020BC_17 Datasheet
181Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C080D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C473K TDK-C1005X7R1C473K Datasheet
1Mb / 72P
   C Series General Application
C3225X7R1C226KT TDK-C3225X7R1C226KT Datasheet
1Mb / 72P
   C Series General Application
C4532X7R2A225K TDK-C4532X7R2A225K Datasheet
1Mb / 72P
   C Series General Application
C5750X7R1H106M TDK-C5750X7R1H106M Datasheet
1Mb / 72P
   C Series General Application
C0603C0G1E220J TDK-C0603C0G1E220J Datasheet
1Mb / 72P
   C Series General Application
C2012X7R1E474KT TDK-C2012X7R1E474KT Datasheet
1Mb / 72P
   C Series General Application
C4532X7R3D222K TDK-C4532X7R3D222K Datasheet
2Mb / 12P
   C Series High Voltage Application
C2012X7R1E105KTXXXX TDK-C2012X7R1E105KTXXXX Datasheet
1Mb / 72P
   General Application
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com