Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-RSB Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E39-RSB
Description  Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-RSB Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E39-RSB Datasheet HTML 3Page - Omron Electronics LLC E39-RSB Datasheet HTML 4Page - Omron Electronics LLC E39-RSB Datasheet HTML 5Page - Omron Electronics LLC E39-RSB Datasheet HTML 6Page - Omron Electronics LLC E39-RSB Datasheet HTML 7Page - Omron Electronics LLC E39-RSB Datasheet HTML 8Page - Omron Electronics LLC E39-RSB Datasheet HTML 9Page - Omron Electronics LLC E39-RSB Datasheet HTML 10Page - Omron Electronics LLC E39-RSB Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
E3T
7
Sensing method
Diffuse-reflective
Convergent-reflective
BGS reflective
Flat
Side-view
Flat
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
E3T-FD11
E3T-FD12
E3T-FD13
E3T-FD14
E3T-SL11
E3T-SL12
E3T-SL13
E3T-SL14
E3T-SL21
E3T-SL22
E3T-SL23
E3T-SL24
E3T-FL11
E3T-FL12
E3T-FL13
E3T-FL14
E3T-FL21
E3T-FL22
E3T-FL23
E3T-FL24
Sensing distance
5 to 30 mm
(50
× 50 mm white
paper)
5 to 15 mm
(50
× 50 mm white
paper)
5 to 30 mm
(50
× 50 mm white
paper)
1 to 15mm
(50
× 50 mm white
paper)
1 to 30mm
(50
× 50 mm white
paper)
Standard sensing object
---
Minimum detectable
object (typical)
0.15-mm dia. (sensing distance of 10 mm)
0.15-mm dia non-glossy object
(sensing distance of 10 mm)
Hysteresis (white paper)
6 mm max.
2 mm max.
6 mm max.
0.5 mm max.
2 mm max.
Black/white error
---
15% max.
Directional angle
---
Light source (wavelength)
Red LED (“Pin-point” LED)
λ = 650 nm
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
20 mA max.
Control output
Load power supply voltage: 26.4 VDC max.
Load current: 50 mA max. (residual voltage: 2 V max. for load current of 10 to 50 mA, 1 V max. for load current of less than 10 mA)
Open-collector output
Light ON: E3T-
@@@1 and E3T-@@@3Dark ON: E3T-@@@2 and E3T-@@@4
Protection circuits
Power supply and control output reverse polarity protection
Output short-circuit protection, Mutual interference prevention
Response time
Operate or reset: 1 ms max.
Ambient illumination
Incandescent lamp: 5,000 lx max.
Sunlight: 10,000 lx max.
Ambient temperature range
Operating:
−25 to 55°C
Storage:
−40 to 70°C (with no icing or condensation)
Ambient humidity range
Operating: 35% to 85%
Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 for 0.5 hrs each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IP67 (IEC60529)
Connection method
Pre-wired (standard length: 2 m)
Weight
Approx. 20 g
Materials
Case
PBT (polybutylene terephthalate)
Display window Denatured polyarylate
Lens
Denatured polyarylate
Accessories
Instruction manual, Installation Phillips screws (Side-view Models: M2
× 14, Flat Models: M2 × 8), Nuts, Spring
washers, Flat washers


Similar Part No. - E39-RSB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
296Kb / 10P
   Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
E39-RSB OMRON-E39-RSB Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
More results

Similar Description - E39-RSB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com