Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2731Y Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2731Y
Description  Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2731Y Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2731Y Datasheet HTML 4Page - Texas Instruments TLV2731Y Datasheet HTML 5Page - Texas Instruments TLV2731Y Datasheet HTML 6Page - Texas Instruments TLV2731Y Datasheet HTML 7Page - Texas Instruments TLV2731Y Datasheet HTML 8Page - Texas Instruments TLV2731Y Datasheet HTML 9Page - Texas Instruments TLV2731Y Datasheet HTML 10Page - Texas Instruments TLV2731Y Datasheet HTML 11Page - Texas Instruments TLV2731Y Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLV2731C
TLV2731I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Slew rate at unity
VO =1 5Vto3 5V
R
600
Ω‡
25
°C
1
1.6
1
1.6
SR
Slew rate at unity
gain
VO = 1.5 V to 3.5 V,
CL = 100 pF‡
RL = 600 Ω‡,
Full
range
0.7
0.7
V/
µs
V
Equivalent input
f = 10 Hz
25
°C
100
100
nV/
√Hz
Vn
q
noise voltage
f = 1 kHz
25
°C
15
15
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
1.4
1.4
µV
VN(PP) equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.5
1.5
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
VO = 1.5 V to 3.5 V,
f
20 kHz
AV = 1
25
°C
0.409%
0.409%
Total harmonic
f = 20 kHz,
RL = 600 Ω‡
AV = 10
25
°C
3.68%
3.68%
THD+N
distortion plus
noise
VO = 1.5 V to 3.5 V,
AV = 1
0.018%
0.018%
noise
VO = 1.5 V to 3.5 V,
f = 20 kHz,
§
AV = 10
25
°C
0.045%
0.045%
RL = 600 Ω§
AV = 100
0.116%
0.116%
Gain-bandwidth
product
f = 10 kHz,
CL = 100 pF‡
RL = 600 Ω‡,
25
°C
2
2
MHz
BOM
Maximum
output-swing
bandwidth
VO(PP) = 1 V,
RL = 600 Ω‡,
AV = 1,
CL = 100 pF‡
25
°C
300
300
kHz
t
Settling time
AV = –1,
Step = 1.5 V to 3.5 V,
To 0.1%
25
°C
0.95
0.95
µs
ts
Settling time
,
RL = 600 Ω‡,
CL = 100 pF‡
To 0.01%
25
°C
2.4
2.4
µs
φm
Phase margin at
unity gain
RL = 600 Ω‡,
CL = 100 pF‡
25
°C
48
°
48
°
Gain margin
L
,
L
25
°C
8
8
dB
† Full range is – 40
°C to 85°C.
‡ Referenced to 2.5 V
§ Referenced to 0 V


Similar Part No. - TLV2731Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2731Y TI-TLV2731Y Datasheet
631Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731Y TI-TLV2731Y Datasheet
793Kb / 31P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL
More results

Similar Description - TLV2731Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI1-TLC225X-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com