Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD1N50 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FQD1N50
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N50 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FQD1N50 Datasheet HTML 1Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 2Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 3Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 4Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 5Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 6Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 7Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 8Page - Fairchild Semiconductor FQD1N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
  


 >    #
"B!   >




6


H



 !
"

#$%&H



 '(
 ')
 '*
+$%
$+,%
-
.

&4*F4.;4I**;;*);F;*4:F&J;F&:;@4FII*F;*4;&K
9*IF;*;449*);*;.4&C4.4KI4*;4: &4*F4.;&I;&K
.4&C4.4K&*44:IF;&99.4&4*I;&K9*I*4*I4;*4C;F;*;4L
;4F;*;4);K&K.4;;I;*49&;*4:F*F;*4:FF;*

&4*F4. 9*I &*;  &IF*4D; * I; & *44&. 9; 4 .4; I99*
;)4; * K; @4FI F; ;M9*; @*4; &99*)&.  &4*F4. ;4I*
4;*&4&.
&N
% .! ! 
 /1  "
/"1 / 1 
    
!   "   " "  B  
  O
6 &     
!          "
" B    
!   !

   
 ! "#
$#$
 "
&! 4
!4

   
 !     
 
9 
9 
  
  ""  
    !>
 !

4 
 9 
       
  !> 
 !
" 
49 
    
" "    
  


Similar Part No. - FQD1N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQD1N50B FAIRCHILD-FQD1N50B Datasheet
606Kb / 9P
   500V N-Channel MOSFET
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQD1N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com