Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA78M12 Datasheet(PDF) 9 Page - Rohm

Part # BA78M12
Description  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA78M12 Datasheet(HTML) 9 Page - Rohm

Back Button BA78M12 Datasheet HTML 5Page - Rohm BA78M12 Datasheet HTML 6Page - Rohm BA78M12 Datasheet HTML 7Page - Rohm BA78M12 Datasheet HTML 8Page - Rohm BA78M12 Datasheet HTML 9Page - Rohm BA78M12 Datasheet HTML 10Page - Rohm BA78M12 Datasheet HTML 11Page - Rohm BA78M12 Datasheet HTML 12Page - Rohm BA78M12 Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
9/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●Internal Circuit Structural Diagram
TO220CP-3
TO252-3
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
INPUT
Input terminal
1
INPUT
Input terminal
2
COMMON
Ground terminal
2
N.C.
Non connection terminal
3
OUTPUT
Output terminal
3
OUTPUT
Output terminal
FIN
COMMON
Ground terminal
●Protection Circuit
(1)Over-current protection circuit
(2) Thermal shutdown circuit
(3) Safety operation area control circuit
Q5
R4
R10
R5
R6
R7
R8
Q8
R9
Q9
R13
Q17
Q16
Q15
Q13
Q10
Q6
Q18
Q14
Q1
Q7
Q2
R21
R17
R20
R12
R19
Q11
Q3
R14
R3
R18
R1
R15
R11
C1
D2
D1
Q12
R2
D3
INPUT
OUTPUT
COMMON
R22
Q4
R16
FIN
12
3
When the chip temperature of IC exceeds the setting temperature, the IC goes
OFF, and it controls the IC not to be destroyed by the heat generation.
It can be restored by being lowered the chip temperature of IC below the
setting temperature.
It controls the output current in inverse proportion ratio to voltage difference
(input-output).
When voltage difference becomes bigger, the IC will be destroyed in rush current.
It protects the IC by controlling the current ability according to the voltage level.
When the maximum rating current or more is rushed, it controls the
current ability and protects the IC from destruction.
6
Chip Junction temperature : Tj [℃]
175
50
25
Vin=10V
BA7805CP
75 100 125 150
200
5
4
3
2
1
0
2
1
Vin=10V
BA7805CP
6
5
4
3
2
1
0
Output Current : IO[A]
Input-Output voltage difference: Vin-Vo [V]
30
20
40
2
0
10
1.5
1
0.5
Tj=25℃
BA7805CP


Similar Part No. - BA78M12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78M12 ROHM-BA78M12 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12CP ROHM-BA78M12CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA78M12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com