Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF10C05 Datasheet(PDF) 1 Page - First Components International

Part # UF10C05
Description  10 Amp SUPER FAST RECOVERY POWER RECTIFIERS LOW FORWARD VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UF10C05 Datasheet(HTML) 1 Page - First Components International

  UF10C05 Datasheet HTML 1Page - First Components International UF10C05 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
Average Forward Rectified Current...I
F(av) (Per Leg)
T
C = 100°C @ Rated VDC ( Total)
Repetitive Peak Forward Surge Current...I
FM
@ Rated V
DC, Square Wave, 20 kHz, TC = 100°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Cond., ½ Wave, Single Phase, 60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 5 Amps, PW = 300µsTC = 25°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =125°C
T
C =25°C
Maximum Reverse Recovery Time...t
RR
I
F = 0.5 Amp, IR= 1A, Irr = 0.25A
Data Sheet
Units
Volts
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
Volts
µAmps
µAmps
ns
n
n MEETS UL SPECIFICATION 94V-0
n LOW FORWARD VOLTAGE
n HIGH SURGE CAPABILITY
JEDEC
TO-220AB
1
1
1
3
3
3
2
2
2
Double Suffix ‘‘D’’
Common Anode Suffix ‘‘A’’
Common Cathode Suffix ‘‘C’’
CASE
CASE
CASE
500
10
Electrical Characteristics, Per Diode Leg
5
10
10
-50 to 150
10 Amp SUPER FAST RECOVERY
POWER RECTIFIERS
SUPER FAST RECOVERY TIME
50 100 200 300 400 500 600
05 100 200 300 400 500 600
05 100 200 300 400 500 600
35
70 140 210 280 350 420
---- 0.95 ---- ---1.3---- ---1.5 ----
------35----- --------- 50 -----------
UF10C05....UF10C60
100


Similar Part No. - UF10C05

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
UF10C05C YENYO-UF10C05C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF10C05CF YENYO-UF10C05CF Datasheet
676Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results

Similar Description - UF10C05

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR16C05 FCI-FR16C05 Datasheet
610Kb / 2P
   16 Amp Fast Recovery Power Rectifiers Low Forward Voltage Drop
SFF1000 FCI-SFF1000 Datasheet
2Mb / 2P
   10 AMP SUPER FAST RECOVERY ISOLATION POWER RECTIFIERS
SF51 FCI-SF51 Datasheet
4Mb / 2P
   5.0 Amp SUPER FAST PLASTIC RECTIFIERS Low forward voltage drop
HER201 FCI-HER201 Datasheet
2Mb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW FORWARD VOLTAGE DROP
HER108 FCI-HER108 Datasheet
131Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS LOW FORWARD VOLTAGE DROP
logo
SeCoS Halbleitertechnol...
SF10L60U SECOS-SF10L60U Datasheet
402Kb / 2P
   10 AMP Low Loss Super Fast Rectifiers
SF10T60F SECOS-SF10T60F Datasheet
224Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SF10T60 SECOS-SF10T60 Datasheet
226Kb / 2P
   10 Amp Super Fast Recovery Rectifier
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
   3.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF101JD SECOS-SUF101JD Datasheet
227Kb / 2P
   Voltage 50V ~ 600V, 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com