Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT259DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT259DB
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT259DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT259DB Datasheet HTML 3Page - NXP Semiconductors 74HCT259DB Datasheet HTML 4Page - NXP Semiconductors 74HCT259DB Datasheet HTML 5Page - NXP Semiconductors 74HCT259DB Datasheet HTML 6Page - NXP Semiconductors 74HCT259DB Datasheet HTML 7Page - NXP Semiconductors 74HCT259DB Datasheet HTML 8Page - NXP Semiconductors 74HCT259DB Datasheet HTML 9Page - NXP Semiconductors 74HCT259DB Datasheet HTML 10Page - NXP Semiconductors 74HCT259DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
7 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
CI
input
capacitance
-3.5
-
-
-
-
-
pF
74HCT259
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 5.2 mA; VCC = 6.0 V
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC =5.5 V
--
0.1
-
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =5.5 V
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
VI =VCC  2.1 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
pin An, LE
-
150
540
-
675
-
735
A
pin D
-
120
432
-
540
-
588
A
pin MR
-
75
270
-
338
-
368
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HCT259DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT259DB PHILIPS-74HCT259DB Datasheet
87Kb / 11P
   8-bit addressable latch
December 1990
74HCT259DB NXP-74HCT259DB Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
More results

Similar Description - 74HCT259DB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com