Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IR5001STRPBF Datasheet(PDF) 2 Page - International Rectifier

Part No. IR5001STRPBF
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001STRPBF Datasheet(HTML) 2 Page - International Rectifier

  IR5001STRPBF Datasheet HTML 1Page - International Rectifier IR5001STRPBF Datasheet HTML 2Page - International Rectifier IR5001STRPBF Datasheet HTML 3Page - International Rectifier IR5001STRPBF Datasheet HTML 4Page - International Rectifier IR5001STRPBF Datasheet HTML 5Page - International Rectifier IR5001STRPBF Datasheet HTML 6Page - International Rectifier IR5001STRPBF Datasheet HTML 7Page - International Rectifier IR5001STRPBF Datasheet HTML 8Page - International Rectifier IR5001STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IR5001S & (PbF)
2
www.irf.com
Unless otherwise specified, these specifications apply over Vline = 36V to 100V; Vcc is decoupled with 0.1uF to
Gnd, CL=10nF at Vout; INP is connected to Gnd. Typical values refer to TA=25°C. Minimum and maximum limits
apply to TA= 0°C to 85°C temperature range and are 100% production-tested at both temperature extremes. Low
duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
ABSOLUTE MAXIMUM RATINGS
CAUTION:
1. Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This
is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied.
2. This device is ESD sensitive. Use of standard ESD handling precautions is required.
.
ELECTRICAL SPECIFICATIONS
Vline Voltage
-5.0V to 100V (continuous)
Vcc Voltage
-0.5V to 15VDC
Icc Current
5mA
INN, INP Voltage
-5.0V to 100V (continuous)
FETch, FETst
-0.5V to 5.5V
FETst Sink Current
10mA
Junction Temperature
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
PARAMETERS
SYMBOL
TEST CONDITION
MIN TYP MAX UNITS
Vline=25V
0.14
0.3
0.5
Vline=36V
0.2
0.5
0.75
Vline=100V, Note 1
1.2
1.7
2.2
VCC output voltage
Vcc(out)
Vline=25V
10.2 12.5 14.1
V
UVLO Section
UVLO ON Threshold Voltage
Vcc(ON)
Vline=open, VINP=0; VINN= -
0.3V
Vcc increased until Vout switches
from LO to HI, Note 2
8.0
9.6
10.7
UVLO OFF Threshold Voltage
Vcc(OFF)
Vline=open, VINP=0, VINN=-
0.3V,
Vcc is decreased until
Vout switches from HI to LO
5.6
7.2
8.8
UVLO Hysteresis
1.6
2.3
2.8
V
Input Comparator Section
Input Offset Voltage (VINP-
VINN)
Vos
VINP=0V and VINN Ramping up,
VOUT changes from HI to LO,
Fig.3
-7.9
-4.0
0
Input Hysteresis Voltage
Vhyst
VINP=0,VINN ramping down,
Figures 3 and 4
13
31
44
(INN) Input Bias Current
I(INN)
VINP=0V, VINN=36V
0.2
0.5
0.9
(INP) Input Bias Current
I(INP)
VINN=0V, VINP=36V
0.2
0.5
0.9
mA
mV
Iline
Bias Section
Vline Bias Current
V
mA


Similar Part No. - IR5001STRPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001STRPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
Vicor Corporation
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
Bel Fuse Inc.
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
Diodes Incorporated
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
Sensitron
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
Diodes Incorporated
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz