Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IR5001STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part No. IR5001STRPBF
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IR5001STRPBF Datasheet HTML 1Page - International Rectifier IR5001STRPBF Datasheet HTML 2Page - International Rectifier IR5001STRPBF Datasheet HTML 3Page - International Rectifier IR5001STRPBF Datasheet HTML 4Page - International Rectifier IR5001STRPBF Datasheet HTML 5Page - International Rectifier IR5001STRPBF Datasheet HTML 6Page - International Rectifier IR5001STRPBF Datasheet HTML 7Page - International Rectifier IR5001STRPBF Datasheet HTML 8Page - International Rectifier IR5001STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IR5001S & (PbF)
3
www.irf.com
PIN DESCRIPTIONS
Note 1: Guaranteed by design but not tested in production.
Note 2: Low Vcc output voltage corresponds to low UVLO voltage
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
Vline
IC power supply pin for 36V to 75V input communications systems.
Minimum 25V has to be applied at this pin to bias the IC.
2Vcc
Output pin of the internal shunt regulator, or input pin for biasing the IC via
external resistor. This pin is internally regulated at 12.5V typical. A
minimum 0.1uF capacitor must be connected from this pin to Gnd of IR5001.
3FETch
FET check input pin. Together with FET status output pin, the FETch pin
can be used to determine the state of the Active ORing circuit and power
system redundancy.
4FETst
FET status output pin. Together with FETch input pin, the FETst pin can be
used to determine the state of the Active ORing circuit and power system
redundancy.
5INP
Positive input of internal comparator. This pin should connect to the source
of N-channel Active ORing MOSFET.
6INN
Negative input pin of internal comparator. This pin should connect to the
drain of N-channel Active ORing MOSFET.
7
Gnd
Ground pin of the IR5001.
8
Vout
Output pin for the IR5001. This pin is used to directly drive the gate of the
Active Oring N-Channel MOSFET.
PARAMETERS
SYMBOL
TEST CONDITION
MIN TYP MAX UNITS
Output Section
High Level Output Voltage
Vout HI
Vline=25V, IOH=50uA,
V(INN)=-0.3V
10.2 11.5 14.1
V
Low Level Output Voltage
Vout LO
IOL=100mA, V(INN)=+0.3V
0.1
V
Turn-On DelayTime
td(on)
5
27
45
us
Rise Time
tr
0.09 0.7
1
ms
Turn-Off Delay Time
td(off)
110 130 170
Fall Time
tf
10
26
39
FETch and FETst
FETch Sink Current
I(FETch)
FETch=5V
-0.5 -1.1
-2
uA
FETch Output Delay Time
FETch_pd
Note 1
0.8
1.8
us
FETch Threshold
Vth(FETch)
0.9
1.2
1.5
V
FETst Threshold Voltage
Vth(FETst)
5k resistor from FETst to 5V logic bias.
V(INP) = Gnd, V(INN) ramping down
from 0 until FETst switches to Low.
-525 -300 -200
mV
FETst Low Level Output
Voltage
VOL
Isink=1mA, V(INN)=-0.5V
0
50
100
mV
Vout switching from LO to HI, Fig.5
Vout switching from HI to LO, Fig.5
ns


Similar Part No. - IR5001STRPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001STRPBF

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
Vicor Corporation
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
Bel Fuse Inc.
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
Diodes Incorporated
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
Sensitron
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
Diodes Incorporated
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com