Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5961ALZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5961ALZ
Description  Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5961ALZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5961ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-5961ALZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Receiver Electrical Characteristics
HFBR-5961LZ/AGZ(TC=0°Cto+70°C,VCC=2.97Vto3.63V)
HFBR-5961ALZ/AGZ(TC=-40°Cto+85°C,VCC=2.97Vto3.63V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
SupplyCurrent
ICC
65
120
mA
4
PowerDissipation
PDISS
0.225
0.44
W
5b
DataOutputVoltage-Low
VOL-VCC
-1.840
-1.620
V
6
DataOutputVoltage-High
VOH-VCC
-1.045
-0.880
V
6
DataOutputRiseTime
tr
0.35
2.2
ns
7
DataOutputFallTime
tf
0.35
2.2
ns
7
SignalDetectOutputVoltage-Low
VOL-VCC
-1.840
-1.620
V
6
SignalDetectOutputVoltage-High
VOH-VCC
-1.045
-0.880
V
6
SignalDetectOutputRiseTime
tr
0.35
2.2
ns
7
SignalDetectOutputFallTime
tf
0.35
2.2
ns
7
PowerSupplyNoiseRejection
PSNR
50
mV
Transmitter Optical Characteristics
HFBR-5961LZ/GZ(TC=0°Cto+70°C,VCC=2.97Vto3.63V)
HFBR-5961ALZ/AGZ(TC=-40°Cto+85°C,VCC=2.97Vto3.63V)
Parameter
Symbol
Minimum Typical
Maximum Units
Notes
OutputOpticalPower
BOL62.5/125µm,NA=0.275Fiber
EOL
PO
-19
-20
-15.7
-14
dBmavg
8
OutputOpticalPower
BOL50/125µm,NA=0.20Fiber
EOL
PO
-22.5
-23.5
-14
dBmavg
8
OpticalExtinctionRatio
0.02
-47
0.2
-27
%dB
9
OutputOpticalPoweratLogicLow0State
PO(“0”)
-45
dBmavg
10
CenterWavelength
lC
1270
1308
1380
nm
23,Figure7
SpectralWidth-FWHM
SpectralWidth-RMS
Dl
14763
nm
11,23
Figure7
OpticalRiseTime
tr
0.6
2.1
3.0
ns
12,23
Figure7
OpticalFallTime
tf
0.6
1.9
3.0
ns
12,23
Figure7
SystematicJitterContributed
bytheTransmitterOC-3
SJ
0.4
1.2
nsp-p
13a
DutyCycleDistortionContributed
bytheTransmitterFE
DCD
0.36
0.6
nsp-p
13b
DataDependentJitterContributed
bytheTransmitterFE
DDJ
0.07
0.6
nsp-p
13c
RandomJitterContributedbytheTransmitter
OC-3
FE
RJ
0.1
0.1
0.52
0.69
nsp-p
14a
14b


Similar Part No. - HFBR-5961ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
More results

Similar Description - HFBR-5961ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com