Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC-01T-2.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SRC-01T-2.5
Description  RING TONGUE TERMINAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRC-01T-2.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SRC-01T-2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRC-01T-2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SRC-01T-2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RING TONGUE TERMINAL
With insulation grip
Q´ty /
reel
Dimensions(mm)
Material
thickness
W
C
L
E
d2
(dia.)
Finish
Material
Applicable wire
Standard
Model No.
mm2
AWG #
Insulation
O.D.
(mm)
SRA-01T-3.2
SRA-21-3
SRA-21T-3
SRA-21-3.7
SRA-21T-3.7
SRA-21-4
SRA-21T-4
SRA-21-H5
SRA-21T-H5
SRA-51-3
SRA-51T-3
SRA-51-3.7
SRA-51T-3.7
SRA-51-4
SRA-51T-4
SRA-51-H5
SRA-51T-H5
SRB-51-3
SRB-51T-3
SRB-51-3.7
SRB-51T-3.7
SRB-51-4
SRB-51T-4
SRB-51-H5
SRB-51T-H5
SRB-51-5
SRB-51T-5
SRC-01-2.5
SRC-01T-2.5
SRC-51-M3
SRC-51T-M3
SRC-51-M3.5
SRC-51T-M3.5
SRC-51-M4
SRC-51T-M4
SRF-51-3
SRF-51T-3
SRF-51-3.7
SRF-51T-3.7
SRF-51-4
SRF-51T-4
SRF-51-H5
SRF-51T-H5
0.2 to 0.5
0.3 to 0.75
0.5 to 2.0
0.5 to 2.0
0.2 to 0.3
0.5 to 2.0
0.5 to 2.0
24 to 20
22 to 18
20 to 14
20 to 14
24 to 22
20 to 14
20 to 14
1.5 to 2.7
1.5 to 2.8
2.6 to 3.8
2.6 to 3.8
1.3 to 1.7
2.6 to 3.8
2.6 to 3.8
Brass
Brass
Brass
Brass
Brass
Brass
Brass
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
3.2
3.7
4.3
5.1
3.2
3.7
4.3
5.1
3.2
3.7
4.3
5.1
5.3
2.5
3.2
3.7
4.3
3.2
3.7
4.3
5.1
13.4
13.0
13.0
15.0
7.0
13.5
11.5
16.9
16.8
16.8
19.3
9.3
16.8
15.3
7.2
5.8
5.8
7.8
2.9
6.7
4.8
7.0
7.5
7.5
8.5
4.6
6.5
7.5
0.32
0.5
0.32
0.5
0.5
0.5
0.5
10,000
7,500
7,500
5,000
15,000
7,500
7,500
Certified LR20812
Listed E42024
W
C
L
E
d2
RoHS compliance


Similar Part No. - SRC-01T-2.5

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
SRC-01 MAXTENA-SRC-01 Datasheet
831Kb / 2P
   SMALL I-BAR DSRC ANTENNA
Rev 1.1
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 SRC-01(T)-** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com