Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC-51T-M3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SRC-51T-M3
Description  RING TONGUE TERMINAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRC-51T-M3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SRC-51T-M3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRC-51T-M3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SRC-51T-M3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RING TONGUE TERMINAL
With toothed lock
Q´ty /
reel
Dimensions(mm)
Material
thickness
W
C
L
E
d2
(dia.)
Finish
Material
Applicable wire
Standard
Model No.
mm2
AWG #
Insulation
O.D.
(mm)
SRT-51T-3(FE)
SRT-51T-4(FE)
0.5 to 1.25
20 to 16
1.7 to 3.4
Tin-plated
Iron
3.1
4.1
12.2
16.8
6.1
9.2
0.5
5,000
Certified LR20812
Recognized E42024
W
C
L
d2
E
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
RoHS compliance
Crimping machine, Applicator
Contact
Crimping
machine Crimp applicator
Applicator
Dies
Crimp applicator
with dies
SRA-01(T)-**
SRA-20(T)-**
SRA-21(T)-**
SRA-50(T)-**
SRA-51(T)-**
SRB-50(T)-**
SRB-51(T)-**
AP-K2N
MK-L
––
––
––
––
––
––
––
MK-L
MK-L
MK-L
MK-L
MK-L
MK-L
MK/SRA-01
MK/SRA-20
MK/SRA-21
MK/SRA-50
MK/SRA-51
MK/SRB-50
MK/SRB-51
APLMK SRA01
APLMK SRA20
APLMK SRA21
APLMK SRA50
APLMK SRA51
APLMK SRB50
APLMK SRB51
Contact
Crimping
machine Crimp applicator
Applicator
Dies
Crimp applicator
with dies
SRC-01(T)-**
SRC-50(T)-**
SRC-51(T)-**
SRD-20(T)-**
SRF-51(T)-**
SRT-51T-**
AP-K2N
MK-L
––
––
––
––
––
––
MK-L
MK-L
MK-L
MK-L
MK-L
MK/SRC-01
MK/SRC-50
MK/SRC-51
MK/SRD-20
MK/SRF-51
MK/SRT-51
APLMK SRC01
APLMK SRC50
APLMK SRC51
APLMK SRD20
APLMK SRF51
APLMK SRT51


Similar Part No. - SRC-51T-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 SRC-51(T)-** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com