Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010B-PQ100C Datasheet(PDF) 11 Page - Actel Corporation

Part # A1010B-PQ100C
Description  HiRel FPGAs
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-PQ100C Datasheet(HTML) 11 Page - Actel Corporation

Back Button A1010B-PQ100C Datasheet HTML 7Page - Actel Corporation A1010B-PQ100C Datasheet HTML 8Page - Actel Corporation A1010B-PQ100C Datasheet HTML 9Page - Actel Corporation A1010B-PQ100C Datasheet HTML 10Page - Actel Corporation A1010B-PQ100C Datasheet HTML 11Page - Actel Corporation A1010B-PQ100C Datasheet HTML 12Page - Actel Corporation A1010B-PQ100C Datasheet HTML 13Page - Actel Corporation A1010B-PQ100C Datasheet HTML 14Page - Actel Corporation A1010B-PQ100C Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
11
Hi R e l F P GA s
P ack ag e Th er m a l Ch ar ac t e r i st i c s
The device junction to case thermal characteristic is
θ
jc, and
the junction to ambient air characteristic is
θ
ja. The thermal
characteristics for
θ
ja are shown with two different air flow
rates.
Maximum junction temperature is 150°C.
A sample calculation of the absolute maximum power
dissipation allowed for a CPGA 176-pin package at military
temperature is as follows:
P o w e r D i ss ip a t io n
Gener al P o w e r E quat i o n
P = [ICCstandby + ICCactive] * VCC + IOL * VOL * N +
IOH * (VCC – VOH) * M
where:
ICCstandby is the current flowing when no inputs or outputs
are changing.
ICCactive is the current flowing due to CMOS switching.
IOL, IOH are TTL sink/source currents.
VOL, VOH are TTL level output voltages.
N equals the number of outputs driving TTL loads to
VOL.
M equals the number of outputs driving TTL loads to
VOH.
Accurate values for N and M are difficult to determine
because they depend on the family type, on the design, and on
the system I/O. The power can be divided into two
components—static and active.
S tat i c P o w e r Co m ponen t
Actel FPGAs have small static power components that result
in power dissipation lower than that of PALs or PLDs. By
integrating multiple PALs or PLDs into one FPGA, an even
greater reduction in board-level power dissipation can be
achieved.
The power due to standby current is typically a small
component of the overall power. Standby power is calculated
below for commercial, worst-case conditions.
The static power dissipated by TTL loads depends on the
number of outputs driving high or low and the DC load
current. Again, this value is typically small. For instance, a
32-bit bus sinking 4 mA at 0.33V will generate 42 mW with all
outputs driving low, and 140 mW with all outputs driving high.
Ac ti v e P ower Com p o nent
Power dissipation in CMOS devices is usually dominated by
the active (dynamic) power dissipation. This component is
frequency dependent, a function of the logic and the external
I/O. Active power dissipation results from charging internal
chip capacitances of the interconnect, unprogrammed
antifuses, module inputs, and module outputs, plus external
capacitance due to PC board traces and load device inputs.
An additional component of the active power dissipation is
the totempole current in CMOS transistor pairs. The net
effect can be associated with an equivalent capacitance that
Package Type
Pin Count
θ
jc
θ
ja
Still Air
θ
ja
300 ft/min
Units
Ceramic Pin Grid Array
84
132
133
176
207
257
6.0
4.8
4.8
4.6
3.5
2.8
33
25
25
23
21
15
20
16
15
12
10
8
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Ceramic Quad Flat Pack
84
132
172
196
256
7.8
7.2
6.8
6.4
6.2
40
35
25
23
20
30
25
20
15
10
°C/W
°C/W
°C/W
°C/W
°C/W
Max. junction temp. (°C) – Max. military temp.
θ
ja (°C/W)
------------------------------------------------------------------------------------------------------------------
150°C – 125°C
23°C/W
------------------------------------
1.1 W
==
Family
ICC
VCC
Power
ACT 3
2 mA
5.25V
10.5 mW
1200XL/3200DX
2 mA
5.25V
10.5 mW
ACT 2
2 mA
5.25V
10.5 mW
ACT 1
3 mA
5.25V
15.8 mW


Similar Part No. - A1010B-PQ100C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PG84B ACTEL-A1010B-PG84B Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PG84B ACTEL-A1010B-PG84B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68I ACTEL-A1010B-PLG68I Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1010B-PQ100C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com