Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM186STM Datasheet(PDF) 3 Page - International Rectifier

Part # OM186STM
Description  Adjustable Low Dropout Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM186STM Datasheet(HTML) 3 Page - International Rectifier

  OM186STM Datasheet HTML 1Page - International Rectifier OM186STM Datasheet HTML 2Page - International Rectifier OM186STM Datasheet HTML 3Page - International Rectifier OM186STM Datasheet HTML 4Page - International Rectifier OM186STM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
OM186ST
Fig 1: Typical Minimum Input/Output
Differential Vs Output Current
Fig 2: Typical Short Circuit Current
Vs Input/Output Differential
Fig 3: Typical Output Voltage
Deviation Vs Temperature
Load Regulation
Dropout Voltage
Short Circuit Current


Similar Part No. - OM186STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM186ST ETC-OM186ST Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
American Microsemicondu...
OM186ST AMMSEMI-OM186ST Datasheet
1Mb / 3P
   Positive Voltage Regulators
More results

Similar Description - OM186STM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
   Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
   Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
   Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Semtech Corporation
SC1592M SEMTECH-SC1592M Datasheet
520Kb / 12P
   Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1592 SEMTECH-SC1592 Datasheet
292Kb / 18P
   Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com