Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMN10-T108 Datasheet(PDF) 1 Page - Rohm

Part # IMN10-T108
Description  Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMN10-T108 Datasheet(HTML) 1 Page - Rohm

  IMN10-T108 Datasheet HTML 1Page - Rohm IMN10-T108 Datasheet HTML 2Page - Rohm IMN10-T108 Datasheet HTML 3Page - Rohm IMN10-T108 Datasheet HTML 4Page - Rohm IMN10-T108 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Switching Diode
IMN10
Application
Dimensions (Unit : mm)
 
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Small mold type. (SMD6)
2) High reliability.
 
Structure
Construction
Taping specifications (Unit : mm)
Silicon epitaxial planar
Absolute maximum ratings (Ta= 25°C)
Symbol
Unit
Reverse voltage (repetitive peak)
VRM
V
Reverse voltage (DC)
VR
V
Forward current (Single)
IFM
mA
Forward current (Double)
IFM
mA
Average rectified forward current (single)
Io
mA
Surge current (t=1
s)
Isurge
A
Power dissipation (TOTAL)(*1)
Pd
mW
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
(*1) Not exceed 200mW per element.
Symbol
Min. Typ. Max. Unit
Forward voltage
VF
--
1.2
V
IF=100mA
Reverse current
IR
--
0.1
A V
R=70V
Capacitance between terminals
Ct
-
-
3.5
pF
VR=6V, f=1MHz
Reverse recovery time
trr
-
-
4
ns
Parameter
Limits
VR=6V, IF=5mA,RL=50
Parameter
Conditions
55 to 150
Electrical characteristics (Ta = 25°C)
80
80
100
4
150
450
300
300
0.8MIN.
19
0.45 0.35
0.95 0.95
0.45
0.35
0.6
week code
ROHM : SMD6
JEITA : SC-74
JEDEC : S0T-457
1Pin Mark
SMD6
2.9±0.2
1.9±0.2
0.95
0.95
各リードとも同寸法
0~0.1
(3)
(5)
(1)
(4)
(2)
(6)
0.15±0.1
    0.06
1.1±0.2
0.1
0.8±0.1
0.3±0.1
0.05
Each lead has same dimension
Anode
Cathode
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
φ1.05MIN
1.35±0.1
0.3±0.1
1/3
2013.02 - Rev.D


Similar Part No. - IMN10-T108

ManufacturerPart #DatasheetDescription
logo
Rohm
IMN10 ROHM-IMN10 Datasheet
83Kb / 3P
   Switching diode
IMN10 ROHM-IMN10 Datasheet
174Kb / 3P
   Switching diode
IMN10 ROHM-IMN10 Datasheet
154Kb / 3P
   Switching diode
IMN10 ROHM-IMN10 Datasheet
1,011Kb / 3P
   Switching Diode
IMN10 ROHM-IMN10 Datasheet
527Kb / 4P
   Switching Diode Ultra high speed switching High reliability.
More results

Similar Description - IMN10-T108

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com