Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3485EN-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SP3485EN-L
Description  3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3485EN-L Datasheet(HTML) 4 Page - Exar Corporation

  SP3485EN-L Datasheet HTML 1Page - Exar Corporation SP3485EN-L Datasheet HTML 2Page - Exar Corporation SP3485EN-L Datasheet HTML 3Page - Exar Corporation SP3485EN-L Datasheet HTML 4Page - Exar Corporation SP3485EN-L Datasheet HTML 5Page - Exar Corporation SP3485EN-L Datasheet HTML 6Page - Exar Corporation SP3485EN-L Datasheet HTML 7Page - Exar Corporation SP3485EN-L Datasheet HTML 8Page - Exar Corporation SP3485EN-L Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3485_00_0692
PIN FUNCTION
Pin  - RO - Receiver output
Pin 2 - RE - Receiver Output Enable Active LOW
Pin 3 - DE - Driver Output Enable Active HIGH
Pin 4 - DI - Driver Input
Pin 5 - GND - Ground Connection
Pin 6 - A - Non-Inverting Driver Output/Receiver Input
Pin 7 - B - Inverting Driver Output/Receiver Input
Pin 8 - Vcc - Positive Supply
Pin Function SP3485


Similar Part No. - SP3485EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3485EN SIPEX-SP3485EN Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3485EN SIPEX-SP3485EN Datasheet
125Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485ENL EXAR-SP3485ENL Datasheet
158Kb / 1P
   Flammability rating of UL 94‐V0
More results

Similar Description - SP3485EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3483 SIPEX-SP3483_04 Datasheet
118Kb / 9P
   3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Exar Corporation
SP3483EN-L EXAR-SP3483EN-L Datasheet
564Kb / 9P
   3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
logo
Sipex Corporation
SP3483 SIPEX-SP3483 Datasheet
156Kb / 9P
   3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com