Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N30M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 4N30M
Description  General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N30M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  4N30M Datasheet HTML 1Page - Fairchild Semiconductor 4N30M Datasheet HTML 2Page - Fairchild Semiconductor 4N30M Datasheet HTML 3Page - Fairchild Semiconductor 4N30M Datasheet HTML 4Page - Fairchild Semiconductor 4N30M Datasheet HTML 5Page - Fairchild Semiconductor 4N30M Datasheet HTML 6Page - Fairchild Semiconductor 4N30M Datasheet HTML 7Page - Fairchild Semiconductor 4N30M Datasheet HTML 8Page - Fairchild Semiconductor 4N30M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
* Indicates JEDEC registered data.
Notes:
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current.
2. Pulse test: pulse width = 300µs, duty cycle
≤ 2.0% .
3. IF adjusted to IC = 2.0mA and IC = 0.7mA rms.
4. The frequency at which IC is 3dB down from the 1kHz value.
5. For this test, LED pins 1 and 2 are common, and phototransistor pins 4, 5 and 6 are common.
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation Voltage(5)
f = 60Hz, t = 1 sec.
All
7500
VACPEAK
VDC
4N32M*
2500
V
VDC
4N33M*
1500
RISO
Isolation Resistance(5)
VI-O = 500VDC
All
1011
CISO
Isolation Capacitance(5)
VI-O = Ø, f = 1MHz
All
0.8
pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89
Table 1
For Rated Main Voltage < 150Vrms
I-IV
For Rated Main voltage < 300Vrms
I-IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial Discharge < 5pC
1594
Vpeak
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test
with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM
Max. Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
7
mm
External Clearance
7
mm
Insulation Thickness
0.5
mm
RIO
Insulation Resistance at Ts, VIO = 500V
109


Similar Part No. - 4N30M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30M FAIRCHILD-4N30M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30M FAIRCHILD-4N30M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30M FAIRCHILD-4N30M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30M FAIRCHILD-4N30M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30M FAIRCHILD-4N30M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N30M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com