Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC245MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74AC245MTC
Description  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC245MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74AC245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC245MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC245, 74ACT245 Rev. 1.5.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5V to +7.0V
IIK
DC Input Diode Current
VI = −0.5V
−20mA
VI = VCC + 0.5
+20mA
VI
DC Input Voltage
−0.5V to V
CC + 0.5V
IOK
DC Output Diode Current
VO = −0.5V
−20mA
VO = VCC + 0.5V
+20mA
VO
DC Output Voltage
−0.5V to V
CC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
−65°C to +150°C
TJ
Junction Temperature
140
°C
Symbol
Parameter
Rating
VCC
Supply Voltage
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
−40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate, AC Devices:
VIN from 30% to 70% of VCC, VCC @ 3.3V, 4.5V, 5.5V
125mV/ns
∆V / ∆t
Minimum Input Edge Rate, ACT Devices:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


Similar Part No. - 74AC245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC245MTC FAIRCHILD-74AC245MTC Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245MTC FAIRCHILD-74AC245MTC Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74AC245MTC ONSEMI-74AC245MTC Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results

Similar Description - 74AC245MTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com