Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P29 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P29
Description  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P29 Datasheet(HTML) 5 Page - Texas Instruments

  ADS62P29 Datasheet HTML 1Page - Texas Instruments ADS62P29 Datasheet HTML 2Page - Texas Instruments ADS62P29 Datasheet HTML 3Page - Texas Instruments ADS62P29 Datasheet HTML 4Page - Texas Instruments ADS62P29 Datasheet HTML 5Page - Texas Instruments ADS62P29 Datasheet HTML 6Page - Texas Instruments ADS62P29 Datasheet HTML 7Page - Texas Instruments ADS62P29 Datasheet HTML 8Page - Texas Instruments ADS62P29 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
ADS62P19
www.ti.com
SLAS937 – APRIL 2013
ELECTRICAL CHARACTERISTICS: ADS62P19
Typical values are at TA = +25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input,
0-dB gain, and internal reference mode, unless otherwise noted. Minimum and maximum values are across the full
temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 3.3 V, and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 20 MHz
66.5
dBFS
fIN = 60 MHz
66.4
dBFS
fIN = 100 MHz
66.1
dBFS
SNR
Signal to noise ratio, LVDS
0-dB gain
64.5
65.9
dBFS
fIN = 170 MHz
6-dB gain
64.1
dBFS
fIN = 230 MHz
65.4
dBFS
fIN = 20 MHz
66.5
dBFS
fIN = 60 MHz
66.3
dBFS
fIN = 100 MHz
65.9
dBFS
Signal to noise and distortion ratio,
SINAD
LVDS
0-dB gain
63.5
65.3
dBFS
fIN = 170 MHz
6-dB gain
64
dBFS
fIN = 230 MHz
65.2
dBFS
ENOB
Effective number of bits
fIN = 170 MHz
10.6
LSB
DNL
Differential nonlinearity
fIN = 170 MHz
–0.6
±0.1
LSB
INL
Integrated nonlinearity
fIN = 170 MHz
±0.5
±2.5
LSB
fIN = 20 MHz
89
dBc
fIN = 60 MHz
85
dBc
Spurious-free dynamic range
fIN = 100 MHz
78
dBc
fIN = 170 MHz
69.5
75
dBc
fIN = 230 MHz
77
dBc
SFDR
fIN = 20 MHz
98
dBc
fIN = 60 MHz
95
dBc
Spurious-free dynamic range
fIN = 100 MHz
88
dBc
(excluding HD2, HD3)
fIN = 170 MHz
75
88
dBc
fIN = 230 MHz
87
dBc
fIN = 20 MHz
93
dBc
fIN = 60 MHz
90
dBc
HD2
Second-order harmonic distortion
fIN = 100 MHz
90
dBc
fIN = 170 MHz
69.5
85
dBc
fIN = 230 MHz
85
dBc
fIN = 20 MHz
89
dBc
fIN = 60 MHz
85
dBc
HD3
Third-order harmonic distortion
fIN = 100 MHz
78
dBc
fIN = 170 MHz
69.5
75
dBc
fIN = 230 MHz
77
dBc
fIN = 20 MHz
87
dBc
fIN = 60 MHz
83.5
dBc
THD
Total harmonic distortion
fIN = 100 MHz
77.5
dBc
fIN = 170 MHz
68
74
dBc
fIN = 230 MHz
75
dBc
f1 = 46 MHz, f2 = 50 MHz, each tone at –7 dBFS
87
dBFS
IMD
Two-tone intermodulation distortion
f1 = 185 MHz, f2 = 190 MHz, each tone at –7 dBFS
85
dBFS
Crosstalk
Up to 200-MHz crosstalk frequency
90
dB
Recovery to within 1% (of final value) for 6-dB overload
Clock
Input overload recovery
1
with sine-wave input
cycles
PSRR
AC power-supply rejection ratio
For 100-mVPP signal on AVDD supply
25
dB
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS62P19


Similar Part No. - ADS62P29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P29 TI-ADS62P29 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P29 TI-ADS62P29 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P29IRGC25 TI-ADS62P29IRGC25 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P29IRGCR TI-ADS62P29IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P29IRGCR TI-ADS62P29IRGCR Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com