Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P48 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P48
Description  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P48 Datasheet(HTML) 4 Page - Texas Instruments

  ADS62P48 Datasheet HTML 1Page - Texas Instruments ADS62P48 Datasheet HTML 2Page - Texas Instruments ADS62P48 Datasheet HTML 3Page - Texas Instruments ADS62P48 Datasheet HTML 4Page - Texas Instruments ADS62P48 Datasheet HTML 5Page - Texas Instruments ADS62P48 Datasheet HTML 6Page - Texas Instruments ADS62P48 Datasheet HTML 7Page - Texas Instruments ADS62P48 Datasheet HTML 8Page - Texas Instruments ADS62P48 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
ADS62P19
SLAS937 – APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at TA = +25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input,
and internal reference mode, unless otherwise noted.
Minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 3.3 V, and
DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VID
Differential input voltage range
0-dB gain
2
VPP
Differential input resistance
At dc, see Figure 45
> 1
M
Differential input capacitance
See Figure 46
3.5
pF
Analog input bandwidth
With 25-
Ω source impedance
700
MHz
Analog input common-mode
Per channel
3.6
μA/MSPS
current
VCM
Common-mode output voltage
1.5
V
VCM
Output current capability
±4
mA
DC ACCURACY
EO
Offset error
–20
±2
20
mV
Temperature coefficient of offset
0.02
mV/°C
error
Variation of offset error with
0.5
mV/V
supply
Two sources of gain error: internal
reference inaccuracy and channel
gain error
Gain error resulting from internal
EGREF
–1
±0.2
1
% FS
reference inaccuracy alone
EGCHAN
Gain error of channel alone(1)
–1
±0.2
1
% FS
Temperature coefficient of
0.002
Δ%/°C
EGCHAN
Difference in gain errors between two
–2
2
%FS
channels within the same device
Gain matching(2)
Difference in gain errors between two
–4
4
%FS
channels across two devices
POWER SUPPLY
IAVDD
Analog supply current
305
350
mA
LVDS interface with 100-
Ω external
133
175
mA
termination
IDRVDD
Output buffer supply current
CMOS interface, fIN = 2 MHz, fS = 210 MSPS,
91
mA
no external load capacitance(3)(4)
AVDD
Analog power
1.01
1.15
W
DVDD
Digital power
LVDS interface
0.24
0.315
W
Global power down
45
100
mW
(1)
This parameter is specified by design and characterization; not tested in production.
(2)
For two channels within the same device, only the channel gain error matters because the reference is common for both channels.
(3)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see Figure 31 and the CMOS Interface Power Dissipation section in the Application Information).
(4)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10 pF.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS62P19


Similar Part No. - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P48 TI-ADS62P48 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48 TI-ADS62P48 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGC25 TI-ADS62P48IRGC25 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCR TI-ADS62P48IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCR TI-ADS62P48IRGCR Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com