Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P19IRGCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P19IRGCR
Description  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P19IRGCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS62P19IRGCR Datasheet HTML 3Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 4Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 5Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 6Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 7Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 8Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 9Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 10Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
ADS62P19
www.ti.com
SLAS937 – APRIL 2013
TIMING REQUIREMENTS: LVDS AND CMOS MODES
(1)
Typical values are at TA = +25°C, AVDD = 3.3 V, DRVDD = 1.8 V, sampling frequency = 250 MSPS, sine-wave input clock,
1.5-VPP clock amplitude, CLOAD = 5 pF
(2), and R
LOAD = 100 Ω
(3), unless otherwise noted. Minimum and maximum values are
across the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 3.3 V, and DRVDD = 1.7 V to 1.9 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.7
1.2
1.7
ns
Aperture delay matching
Between two channels within the same device
±50
ps
tj
Aperture jitter
145
fS RMS
Time to valid data after exiting STANDBY mode
1
3
μs
Time to valid data after exiting global power-down
20
50
μs
Wake-up time
10
Clock
Time to valid data after stopping and restarting the input clock
cycles
Clock
ADC latency(4)
22
cycles
DDR LVDS MODE(5)
tsu
Data setup time
Data valid(6) to CLKOUTP zero-crossing
0.55
0.9
ns
th
Data hold time
CLKOUTP zero-crossing to data becoming invalid(6)
0.55
0.95
ns
tPDI
Input clock falling edge crossover to output clock rising edge
tPDI = 0.69 × tS + tdelay
crossover
Clock propagation delay
100 MSPS ≤ sampling frequency ≤ 250 MSPS
tdelay
4.2
5.7
7.2
ns
tS = 1 / sampling frequency
Difference in tdelay between two devices operating at same
tdelay skew
±500
ps
temperature and DRVDD supply voltage
Differential clock duty cycle (CLKOUTP – CLKOUTM)
LVDS bit clock duty cycle
52%
100 MSPS ≤ sampling frequency ≤ 250 MSPS
Rise time measured from –100 mV to +100 mV
tRISE,
Data rise time,
Fall time measured from +100 mV to –100 mV
0.14
ns
tFALL
Data fall time
1 MSPS ≤ sampling frequency ≤ 250 MSPS
Rise time measured from –100 mV to +10 0mV
tCLKRISE,
Output clock rise time,
Fall time measured from +100 mV to –100 mV
0.14
ns
tCLKFALL
Output clock fall time
1 MSPS ≤ sampling frequency ≤ 250 MSPS
Output buffer enable to
tOE
Time to valid data after output buffer becomes active
100
ns
data delay
(1)
Timing parameters are ensured by design and characterization and are not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher clock frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and load. Setup and hold time
specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to a logic high of +100.0 mV and a logic low of –100.0 mV.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS62P19


Similar Part No. - ADS62P19IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62P19IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com