Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5403 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5403
Description  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5403 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5403 Datasheet HTML 2Page - Texas Instruments ADS5403 Datasheet HTML 3Page - Texas Instruments ADS5403 Datasheet HTML 4Page - Texas Instruments ADS5403 Datasheet HTML 5Page - Texas Instruments ADS5403 Datasheet HTML 6Page - Texas Instruments ADS5403 Datasheet HTML 7Page - Texas Instruments ADS5403 Datasheet HTML 8Page - Texas Instruments ADS5403 Datasheet HTML 9Page - Texas Instruments ADS5403 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADS5404
SLAS945 – APRIL 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Recommended operating junction temperature
105
TJ
°C
Maximum rated operating junction temperature(1)
125
TA
Recommended free-air temperature
–40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ADC Clock Frequency
40
500
MSPS
Resolution
12
Bits
SUPPLY
AVDD33
3.15
3.3
3.45
V
AVDDC, AVDD18, DVDD, DVDDLVDS
1.7
1.8
1.9
V
IOVDD
1.7
1.8
3.45
V
POWER SUPPLY
IAVDD33
3.3V Analog supply current
297
330
mA
IAVDD18
1.8V Analog supply current
84
100
mA
IAVDDC
1.8V Clock supply current
26
45
mA
IDVDD
1.8V Digital supply current
Auto correction enabled
230
260
mA
IDVDD
1.8V Digital supply current
Auto correction disabled
106
mA
IDVDD
1.8V Digital supply current
Auto correction disabled, decimation filter enabled
135
mA
IDVDDLVDS
1.8V LVDS supply current
140
170
mA
IIOVDD
1.8V I/O Voltage supply current
1
2
mA
Pdis
Total power dissipation
Auto correction enabled, decimation filter disabled
1.84
W
Pdis
Total power dissipation
Auto correction disabled, decimation filter disabled
1.62
W
PSRR
250 kHz to 500 MHz
40
dB
Shut-down power dissipation
7
mW
Shut-down wake up time
2.5
ms
Standby power dissipation
7
mW
Standby wake up time
100
µs
Auto correction disabled
282
mW
Deep-sleep mode power dissipation
Auto correction enabled
370
mW
Deep-sleep mode wakeup time
20
µs
Auto correction disabled
549
mW
Light-sleep mode power dissipation
Auto correction enabled
650
mW
Light-sleep mode wakeup time
2
µs
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5404


Similar Part No. - ADS5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5403 TI-ADS5403 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
More results

Similar Description - ADS5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
ADS5409 TI1-ADS5409 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com