Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24251 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # bq24251
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24251 Datasheet(HTML) 9 Page - Texas Instruments

Back Button bq24251 Datasheet HTML 5Page - Texas Instruments bq24251 Datasheet HTML 6Page - Texas Instruments bq24251 Datasheet HTML 7Page - Texas Instruments bq24251 Datasheet HTML 8Page - Texas Instruments bq24251 Datasheet HTML 9Page - Texas Instruments bq24251 Datasheet HTML 10Page - Texas Instruments bq24251 Datasheet HTML 11Page - Texas Instruments bq24251 Datasheet HTML 12Page - Texas Instruments bq24251 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
bq24250
bq24251
bq24253
www.ti.com
SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
VUVLO < VIN < VOVP and VIN > VBAT+VSLP, TJ = 0ºC-125°C and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D+/D– DETECTION
IDP_SRC
D+ current source for DCD
DCD
7
13
µA
D– pull-down resistance for
RDM_DWN
DCD
14.25
24.8
k
Ω
DCD
D+ low comparator threshold
VDP_LOW
DCD
0.85
0.9
0.95
V
for DCD
D+ source voltage for Primary
VDP_SRC
Primary Detection
0.5
0.6
0.7
V
Detection
D+ source voltage output
IDP_SRC_PD
Primary Detection
200
µA
current for Primary Detection
D– sink current for Primary
IDM_SINK
Primary Detection
50
100
150
µA
Detection
VDAT_REF
Primary Detection threshold
Primary Detection
250
325
400
mV
VLGC
Primary Detection threshold
Primary Detection
0.85
0.9
0.95
V
D- source voltage for
VDM_SRC
Secondary Detection
0.5
0.6
0.7
V
Secondary Detection
D- source voltage output
IDM_SRC_PD
current for Secondary
Secondary Detection
200
µA
Detection
D+ sink current for Secondary
IDP_SINK
Secondary Detection
50
100
150
µA
Detection
VDAT_REF
Secondary Detection threshold Secondary Detection
250
325
400
mV
Apple/TomTom detection low
VATT_LO
Apple/TomTom Detection
1.8
1.85
1.975
V
threshold
Apple/TomTom detection high
VATT_HI
Apple/TomTom Detection
3.2
3.5
4.05
V
threshold
D– , switch open
4.5
CI
Input Capacitance
pF
D+, switch open
4.5
D–, switch open
–1
1
ID_LKG
Leakage Current into D+/D–
µA
D+, switch open
–1
1
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24250 bq24251 bq24253


Similar Part No. - bq24251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
More results

Similar Description - bq24251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com