Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24250RGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24250RGER
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24250RGER Datasheet(HTML) 2 Page - Texas Instruments

  BQ24250RGER Datasheet HTML 1Page - Texas Instruments BQ24250RGER Datasheet HTML 2Page - Texas Instruments BQ24250RGER Datasheet HTML 3Page - Texas Instruments BQ24250RGER Datasheet HTML 4Page - Texas Instruments BQ24250RGER Datasheet HTML 5Page - Texas Instruments BQ24250RGER Datasheet HTML 6Page - Texas Instruments BQ24250RGER Datasheet HTML 7Page - Texas Instruments BQ24250RGER Datasheet HTML 8Page - Texas Instruments BQ24250RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
System Load
33 nF
CBOOT
SYS
PGND
SW
IN
VIN
CIN
2.2µF
BOOT
1.0µH
SCL
ISET
LO
3 MHz
PWM
VDPM
/CE
ILIM
Host
SCL
SDA
GPIO1
GPIO2
SDA
INT
LDO
STAT
1µF
+
BAT
TEMP
PACK+
PACK-
LDO
TS
VGPIO
EN1
GPIO3
EN2
GPIO4
CPMID
1µF
PMID
1 F
μ
22 F
μ
R1
R2
R3
R4
RNTC
bq24250
bq24251
bq24253
SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The battery is charged in four phases: trickle charge, pre-charge, constant current and constant voltage. In all
charge phases, an internal control loop monitors the IC junction temperature and reduces the charge current if
the internal temperature threshold is exceeded. Additionally, a voltage-based, JEITA compatible battery pack
thermistor monitoring input (TS) is included that monitors battery temperature for safe charging.
Typical Application
AVAILABLE OPTIONS
D+/D- or
Default
I2C or Stand
Device
Default OVP
INT or PG
MINSYS
TS Profile
I2C Address
EN1/EN2
VOREG
Alone
bq24250
10.5V
EN1/EN2
INT
4.2V
3.5V
JEITA
I2C + SA
0x6A
bq24251
10.5V
D+/D-
PG
4.2V
3.5V
JEITA
I2C + SA
0x6A
bq24253
10.5V
D+/D-
PG
4.2V
3.5V
JEITA
SA Only
N/A
and
EN1/EN2
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq24250 bq24251 bq24253


Similar Part No. - BQ24250RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24250RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com