Electronic Components Datasheet Search |
|
BQ24250RGET Datasheet(PDF) 3 Page - Texas Instruments |
|
|
BQ24250RGET Datasheet(HTML) 3 Page - Texas Instruments |
3 / 49 page bq24250 bq24251 bq24253 www.ti.com SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013 ORDERING INFORMATION(1)(2) Part Number IC Marking Package Ordering Number Quantity DSBGA-YFF bq24250YFFR 3000 DSBGA-YFF bq24250YFFT 250 bq24250 bq24250 QFN-RGE bq24250RGER 3000 QFN-RGE bq24250RGET 250 DSBGA-YFF bq24251YFFR 3000 DSBGA-YFF bq24251YFFT 250 bq24251 bq24251 QFN-RGE bq24251RGER 3000 QFN-RGE bq24251RGET 250 DSBGA-YFF(3) bq24253YFFR 3000 DSBGA-YFF(3) bq24253YFFT 250 bq24253 bq24253 QFN-RGE bq24253RGER 3000 QFN-RGE bq24253RGET 250 (1) This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (3) Preview ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) VALUE UNIT MIN MAX IN –0.3 20 V SW –0.7 12 V Pin Voltage Range (with BOOT –0.3 20 V respect to GND) LDO,STAT, INT, /CHG, /PG, EN1, EN2, EN3, /CE, D+, D-, ILIM, ISET, VDPM, –0.3 7 V TS SYS, BAT –0.3 5 V BOOT relative to SW –0.3 7 V Output Current IN, SW, SYS, BAT 2 A (Continuous) Output Sink Current STAT, /CHG, /PG 5 mA Operating free-air temperature range –40 85 °C Junction temperature, TJ –40 125 °C Storage temperature, TSTG –65 150 °C Input Power IN 15 W Lead temperature (soldering, 10 s) 300 °C ESD Rating(2) Human body model 2 kV (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The human body model is a 100-pF capacitor discharged through a 1.5-k Ω resistor into each pin. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: bq24250 bq24251 bq24253 |
Similar Part No. - BQ24250RGET |
|
Similar Description - BQ24250RGET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |