Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq27421YZFT-G1A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq27421YZFT-G1A
Description  System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq27421YZFT-G1A Datasheet(HTML) 5 Page - Texas Instruments

  bq27421YZFT-G1A Datasheet HTML 1Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 2Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 3Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 4Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 5Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 6Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 7Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 8Page - Texas Instruments bq27421YZFT-G1A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
bq27421-G1
www.ti.com
SLUSB85 – MAY 2013
DIGITAL INPUT AND OUTPUT DC CHARACTERISTICS
TA = –40°C to 85°C, typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH(OD)
Input voltage, high (2)
External pullup resistor to VPU
VPU * 0.7
V
VIH(PP)
Input voltage, high (3)
1.4
V
VIL
Input voltage, low (2) (3)
0.6
V
VOL
Output voltage, low (2)
0.6
V
Output source current, high (2)
IOH
0.5
mA
(3)
IOL(OD)
Output sink current, low (2)
-3
mA
CIN
(1)
Input capacitance (2) (3)
5
pF
Ilkg
Input leakage current (I/O pins)
1
μA
(2) (3)
(1)
Specified by design. Not production tested.
(2)
Open Drain pins: (SCL, SDA, GPOUT )
(3)
Push Pull pin: (BIN )
LDO REGULATOR, WAKE-UP AND AUTO-SHUTDOWN DC CHARACTERISTICS
TA = –40°C to 85°C, typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
BAT pin regulator input
2.45
4.5
V
VDD
Regulator output voltage
1.8
V
UVLOIT+
VBAT Under Voltage Lock Out
2.0
V
LDO Wake-Up Rising
Threshold(2)
UVLOIT-
VBAT Under Voltage Lock Out
1.95
V
LDO Auto-Shutdown Falling
Threshold(2)
VWU+
(1)
GPOUT (input) LDO Wake-Up
LDO Wake-up from SHUTDOWN
1.2
V
rising edge threshold (2)
mode
(1)
Specified by design. Not production tested.
(2)
If the device is commanded to SHUTDOWN via I2C with VBAT > UVLOIT+ , a wake-up rising edge trigger is required on GPOUT .
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq27421-G1


Similar Part No. - bq27421YZFT-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27421YZFT-G1A TI1-BQ27421YZFT-G1A Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
More results

Similar Description - bq27421YZFT-G1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
[Old version datasheet]   BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com