Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18532NQ5B Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18532NQ5B
Description  60-V, N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18532NQ5B Datasheet(HTML) 4 Page - Texas Instruments

  CSD18532NQ5B Datasheet HTML 1Page - Texas Instruments CSD18532NQ5B Datasheet HTML 2Page - Texas Instruments CSD18532NQ5B Datasheet HTML 3Page - Texas Instruments CSD18532NQ5B Datasheet HTML 4Page - Texas Instruments CSD18532NQ5B Datasheet HTML 5Page - Texas Instruments CSD18532NQ5B Datasheet HTML 6Page - Texas Instruments CSD18532NQ5B Datasheet HTML 7Page - Texas Instruments CSD18532NQ5B Datasheet HTML 8Page - Texas Instruments CSD18532NQ5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 25A
TC = 125ºC Id = 25A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Qg - Gate Charge (nC)
ID = 25A
VDS = 30V
G001
10
100
1000
10000
100000
0
10
20
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VDS - Drain-to-Source Voltage (V)
VGS = 10V
VGS = 8V
VGS = 6V
G001
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD18532NQ5B
SLPS440 – JUNE 2013
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD18532NQ5B


Similar Part No. - CSD18532NQ5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18532NQ5B TI1-CSD18532NQ5B Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD18532NQ5BT TI1-CSD18532NQ5BT Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18532NQ5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com