Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640441-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 640441-6
Description  MTA-100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640441-6 Datasheet(HTML) 1 Page - Tyco Electronics

  640441-6 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 640441-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640441 MACOM-640441 Datasheet
65Kb / 3P
   APPLICATION SPECIFICATION
640441 MACOM-640441 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640441 MACOM-640441 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 640441-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
641199 MACOM-641199 Datasheet
148Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640429 MACOM-640429 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
3-643813-2 MACOM-3-643813-2 Datasheet
155Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
3-644038-5 MACOM-3-644038-5 Datasheet
131Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641193 MACOM-641193 Datasheet
168Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY 28 AWG, STANDARD
4-644540-1 MACOM-4-644540-1 Datasheet
114Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640622-6 MACOM-640622-6 Datasheet
146Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640442 MACOM-640442 Datasheet
149Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
644040-8 MACOM-644040-8 Datasheet
119Kb / 1P
   MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD
640440 MACOM-640440 Datasheet
141Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com