Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3174IRGCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174IRGCR
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174IRGCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC3174IRGCR Datasheet HTML 6Page - Texas Instruments DAC3174IRGCR Datasheet HTML 7Page - Texas Instruments DAC3174IRGCR Datasheet HTML 8Page - Texas Instruments DAC3174IRGCR Datasheet HTML 9Page - Texas Instruments DAC3174IRGCR Datasheet HTML 10Page - Texas Instruments DAC3174IRGCR Datasheet HTML 11Page - Texas Instruments DAC3174IRGCR Datasheet HTML 12Page - Texas Instruments DAC3174IRGCR Datasheet HTML 13Page - Texas Instruments DAC3174IRGCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
POWER CONSUMPTION
IVDDA33
3.3V Analog supply current
52
59
mA
ICLKVDD18
1.8V Clock supply current
49
57
mA
MODE 1
1.8V Digital supply current (DIGVDD18
IDIGVDD18
115
130
mA
fDAC = 491.52 MSPS, QMC on, IF = 20
and VFUSE)
MHz
IIOVDD
1.8V IO Supply current
0.002
0.015
mA
Pdis
Total power dissipation
464
530
mW
IVDDA33
3.3V Analog supply current
51
mA
ICLKVDD18
1.8V Clock supply current
38
mA
MODE 2
1.8V Digital supply current (DIGVDD18
IDIGVDD18
87
mA
and VFUSE)
fDAC = 320 MSPS, QMC on, IF = 20 MHz
IIOVDD
1.8V IO Supply current
0.002
mA
Pdis
Total power dissipation
396
mW
IVDDA33
3.3V Analog supply current
2.6
mA
ICLKVDD18
1.8V Clock supply current
43
mA
MODE 3
1.8V Digital supply current (DIGVDD18
IDIGVDD18
110
mA
Sleep mode, fDAC = 491.52 MSPS, DAC in
and VFUSE)
sleep mode
IIOVDD
1.8V IO Supply current
0.003
mA
Pdis
Total power dissipation
284
mW
IVDDA33
3.3V Analog supply current
1.6
4
mA
ICLKVDD18
1.8V Clock supply current
1.8
4
mA
MODE 4
1.8V Digital supply current (DIGVDD18
IDIGVDD18
0.7
3
mA
Power-down mode, no clock, DAC in sleep
and VFUSE)
mode
IIOVDD
1.8V IO Supply current
0.003
0.015
mA
Pdis
Total power dissipation
10
26
mW
PSRR
Power supply rejection ratio
DC tested
–0.4
0.4
%/FSR/V
T
Operating temperature
–40
85
°C
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174


Similar Part No. - DAC3174IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results

Similar Description - DAC3174IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com