Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP11N40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP11N40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP11N40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP11N40 Datasheet HTML 1Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 2Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 3Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 4Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 5Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 6Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 7Page - Fairchild Semiconductor FQP11N40 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
           
    " " "

$ %% &'&(()*+( &,Ω-)+%()
$ . / 012
$ ./ 0(2
$  
$ %((3! 
$ 4!!5 " 
  
    
   




)
 ) 
&((
)
4

/+0672
%% &
'
/+%((72
1 0
'
4

8 
 
&9
'
)
: ) 
±;(
)
<
 8 '! <
 
60(
=
4
'! 
 
%% &
'
<
*!'! <
 
%& 1
=
!5
8>* !!5
 
& 6
)5
8
8/+0672
%&1
?
"!067
% %,
?57
 
*
66@%6(
7

A  
%5, 6 
;((
7





*θ 
 * = 

( ,6
7?
*θ
 * >
( 6

7?
 * = '"

90 6
7?
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"










Similar Part No. - FQP11N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP11N40 ISC-FQP11N40 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C Datasheet
709Kb / 10P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQP11N40C FAIRCHILD-FQP11N40C_08 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

Similar Description - FQP11N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com