Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3630ATME Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3630ATME
Description  LM3630A High-Efficiency Dual-String White LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3630ATME Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3630ATME Datasheet HTML 6Page - Texas Instruments LM3630ATME Datasheet HTML 7Page - Texas Instruments LM3630ATME Datasheet HTML 8Page - Texas Instruments LM3630ATME Datasheet HTML 9Page - Texas Instruments LM3630ATME Datasheet HTML 10Page - Texas Instruments LM3630ATME Datasheet HTML 11Page - Texas Instruments LM3630ATME Datasheet HTML 12Page - Texas Instruments LM3630ATME Datasheet HTML 13Page - Texas Instruments LM3630ATME Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C024
VIN = 3.6V
Freq = 500kHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C025
VIN = 4.2V
Freq = 500kHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C022
VIN = 5.5V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C023
VIN = 2.7V
Freq = 500kHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C020
VIN = 3.6V
Freq = 1MHz
LED = 2p10s
L = 10uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C021
VIN = 4.2V
Freq = 1MHz
LED = 2p10s
L = 10uH
LM3630A
SNVS974 – APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, ILED Full Scale = 20.0mA unless specified otherwise.
Boost and LED Efficiency at VIN = 3.6V, 2p10s, Freq=1MHz,
Boost and LED Efficiency at VIN = 4.2V, 2p10s, Freq=1MHz,
L=10uH
L=10uH
Figure 25.
Figure 26.
Boost and LED Efficiency at VIN = 5.5V, 2p10s, Freq=1MHz,
Boost and LED Efficiency at VIN = 2.7V, 2p10s,
L=10uH
Freq=500kHz, L=10uH
Figure 27.
Figure 28.
Boost and LED Efficiency at VIN = 3.6V, 2p10s,
Boost and LED Efficiency at VIN = 4.2V, 2p10s,
Freq=500kHz, L=10uH
Freq=500kHz, L=10uH
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3630A


Similar Part No. - LM3630ATME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3630ATME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com