Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4800AUM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4800AUM
Description  PFC/ PWM Controller Combination
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800AUM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4800AUM Datasheet HTML 1Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 2Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 3Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 4Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 5Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 6Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 7Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 8Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
October 2011
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AU/CU • Rev. 1.0.0
FAN4800AU/CU
PFC/ PWM Controller Combination
Features
Pin-to-Pin Compatible with ML4800, FAN4800,
CM6800, and CM6800A
PWM Configurable for Current-Mode or
Feed-Forward Voltage-Mode Operation
Internally Synchronized Leading-Edge PFC and
Trailing-Edge PWM in One IC
Low Operating Current
Innovative Switching-Charge Multiplier Divider
Average-Current-Mode for Input-Current Shaping
PFC Over-Voltage and Under-Voltage Protections
PFC Feedback Open-Loop Protection
Cycle-by-Cycle Current Limiting for PFC/PWM
Power-on Sequence Control and Soft-Start
Line Sagging Protection
fRTCT=4•fPFC=4•fPWM for FAN4800AU
fRTCT=4•fPFC=2•fPWM for FAN4800CU
Applications
Desktop PC Power Supply
Internet Server Power Supply
LCD TV/ Monitor Power Supply
UPS
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
Related Resources
AN-8027 — FAN480X PFC+PWM Combination
Controller Application
Description
The highly integrated FAN4800AU/CU parts are
specially designed for power supplies that consist of
boost PFC and PWM. They require very few external
components to achieve versatile protections and
compensation. They are available in 16-pin DIP and
SOP packages.
The PWM can be used in current or Voltage Mode. In
Voltage Mode, feed-forward from the PFC output bus
can reduce secondary output ripple.
To evaluate FAN4800AU/CU for replacing existing
FAN4800A/C, FAN4800AS/CS, old version FAN4800
and ML4800 boards, six things must be completed
before the fine-tuning procedure:
1.
Change RAC resistor from the old value to a higher
resistor value: 6M
 to 8M.
2.
Change RT/CT pin from the existing values to
RT=6.8K and CT=1000pF to have fPFC=64kHz and
fPWM=64kHz.
3.
The VRMS pin needs to be 1.224V at VIN=85VAC for
universal input application with line input from
85VAC to 270 VAC.
4.
Change ISENSE pin filter from the exiting values to
RFilter=51 and CFilter=0.01µF for higher bandwidth.
5.
At full load, the average VVEA must be ~4.5V and
ripple on VVEA needs to be less than 400mV.
6.
For the SS pin, the soft-start current has been
reduced to half the FAN4800 capacitor.
There are two differences from FAN4800AS/CS to
FAN4800AU/CU:
Add Line Sagging Protection
Fix Inductance Current Instability during AC Cycle
Drop Test


Similar Part No. - FAN4800AUM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AUM FAIRCHILD-FAN4800AUM Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
More results

Similar Description - FAN4800AUM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com