Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1S2384IDRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2384IDRCR
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1S2384IDRCR Datasheet(HTML) 3 Page - Texas Instruments

  OPA1S2384IDRCR Datasheet HTML 1Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 2Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 3Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 4Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 5Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 6Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 7Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 8Page - Texas Instruments OPA1S2384IDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPA1S2384
OPA1S2385
www.ti.com
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS: Amplifier Section, VSS = +2.7 V to +5.5 V
(1) (2)
At TA = +25°C, RL = 1 kΩ connected to VS / 2, and VO = VCM = VS / 2, unless otherwise noted.
OPA1S238x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
2
8
mV
ΔVOS/ΔT
Input offset voltage vs temperature
TA = –40°C to +85°C
6
µV/°C
PSRR
Input offset voltage vs power supply
VCM = (VS / 2) – 0.65 V
0.2
0.8
mV/V
Channel separation
f = 5 MHz
33
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal, rail-to-rail input
(V–) – 0.1
(V+) + 0.1
V
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 2 V
66
80
dB
CMRR
Common-mode rejection ratio
VS = 3.3 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V
50
68
dB
INPUT BIAS CURRENT
IB
Input bias current
±3
±50
pA
IOS
Input offset current
±1
±50
pA
NOISE
f = 1 MHz
6
nV/
√Hz
Input noise voltage density
f = 10 MHz
26
nV/
√Hz
Input current noise density
f = 1 MHz
50
fA/
√Hz
INPUT CAPACITANCE
Differential
2
pF
Common-mode
2
pF
OPEN-LOOP GAIN
VS = 2.7 V, 0.3 V < VO < (V+) – 0.3 V, RL = 1 kΩ
88
100
dB
VS = 5.5 V, 0.3 V < VO < (V+) – 0.3 V, RL = 1 kΩ
90
110
dB
AOL
Open-loop voltage gain
TA = –40°C to +85°C
84
dB
VS = 5.5 V, 0.3 V < VO < (V+) – 0.3 V, RL = 1 kΩ
FREQUENCY RESPONSE
VS = 3.3 V, RL = 1 kΩ, CL = 10 pF, G = 10
90
MHz
Gain bandwidth product
VS = 5.0 V, RL = 1 kΩ, CL = 10 pF, G = 10
100
MHz
VS = 5.0 V, G = 1, VO = 0.1 VPP, RF = 25 Ω
250
MHz
Small-signal bandwidth
VS = 5.0 V, G = 2, VO = 0.1 VPP, RF = 25 Ω
90
MHz
VS = 3.3 V, G = 1, 2-V step
110
V/µs
SR
Slew rate
VS = 5 V, G = 1, 2-V step
130
V/µs
VS = 5 V, G = 1, 4-V step
150
V/µs
tr
Rise time
VS = 5 V, G = 1, VO = 2 VPP, 10% to 90%
11
ns
tf
Fall time
VS = 5 V, G = 1, VO = 2 VPP, 90% to 10%
11
ns
To 0.1%, VS = 3.3 V, G = 1, 2-V step
30
ns
ts
Settling time
To 0.01%, VS = 3.3 V, G = 1, 2-V step
60
ns
Overload recovery time
VS = 3.3 V, VIN × gain = VS
5
ns
OUTPUT
Voltage output swing from supply rails
VS = 5.5 V, RL = 1 kΩ
100
mV
VS = 5.0 V
100
mA
Short-circuit current
VS = 3.3 V
50
mA
Closed-loop output impedance
0.05
Ω
Open-loop output impedance
35
Ω
(1)
Parameters with MIN and MAX specification limits are 100% production tested at +25ºC, unless otherwise noted. Over temperature
limits are based on characterization and statistical analysis.
(2)
Specified by design and/or characterization; not production tested.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2384IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384IDRCR TI1-OPA1S2384IDRCR Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2384IDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI1-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com