Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD362R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSD362R
Description  B/W TV Horizontal Deflection Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD362R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSD362R Datasheet HTML 1Page - Fairchild Semiconductor KSD362R Datasheet HTML 2Page - Fairchild Semiconductor KSD362R Datasheet HTML 3Page - Fairchild Semiconductor KSD362R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
70
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current
5
A
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
150
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 2mA, RBE = ∞
70
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
8
V
ICBO
Collector Cut-off Current
VCB = 100V, IE = 0
20
µA
hFE
DC Current Gain
VCE = 5V, IC = 5A
20
140
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 0.5A
1
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 5A, IB = 0.5A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 0.5A
10
MHz
Classification
N
R
O
hFE
20 ~ 50
40 ~ 80
70 ~ 140
KSD362
B/W TV Horizontal Deflection Output
• Collector-Base Voltage : VCBO=150V
• Collector Current : IC=5A
• Collector Dissipation : PC=40W(TC=25°C)
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSD362R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD362 SAMSUNG-KSD362 Datasheet
223Kb / 6P
   NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
Fairchild Semiconductor
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
   B/W TV Horizontal Deflection Output
logo
Foshan Blue Rocket Elec...
KSD362 FOSHAN-KSD362 Datasheet
997Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Inchange Semiconductor ...
KSD362 ISC-KSD362 Datasheet
243Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - KSD362R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2233 FAIRCHILD-KSC2233 Datasheet
42Kb / 4P
   B/W TV Horizontal Deflection Output
logo
List of Unclassifed Man...
2SC940 ETC-2SC940 Datasheet
42Kb / 1P
   B/W TV Horizontal Deflection Output
logo
Fairchild Semiconductor
KSD362 FAIRCHILD-KSD362 Datasheet
61Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363R FAIRCHILD-KSD363R Datasheet
65Kb / 4P
   B/W TV Horizontal Deflection Output
KSD363 FAIRCHILD-KSD363 Datasheet
60Kb / 4P
   B/W TV Horizontal Deflection Output
KSD1362 FAIRCHILD-KSD1362 Datasheet
47Kb / 4P
   B/W TV Horizontal Deflection Output
logo
Samsung semiconductor
KSD362 SAMSUNG-KSD362 Datasheet
223Kb / 6P
   NPN (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
KEC(Korea Electronics)
KTC1003 KEC-KTC1003 Datasheet
247Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
KTC3231 KEC-KTC3231 Datasheet
324Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR (B/W TV HORIZONTAL DEFLECTION OUTPUT)
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
   TV HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com