Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC13 Datasheet(PDF) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1.5SMC13
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1.5SMC13 Datasheet(HTML) 3 Page - Gaomi Xinghe Electronics Co., Ltd.

  1.5SMC13 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC13 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC13 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. 1.5SMC13 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Breakdown Voltage
Stand-Off
Maximum
Maximum
Maximum
Maximum
GENERAL Device
VBR
Test Curre Voltage Reverse Leakage
Peak Surge
Clamping
Temperature
PART
Marking
(Volts) (Note 1) @IT(mA)
VWM
at Vwm
Current IPPM Voltage at IPPM
Coefficient
NUMBER
Code
Min
Max
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
1.5SMC100
FWJ
90.0
110.0
1.0
81.0
5.0
10.9
144.0
0.106
1.5SMC100A
FXJ
95.0
105.0
1.0
85.5
5.0
11.4
137.0
0.106
1.5SMC110
FYJ
99.0
121.0
1.0
89.2
5.0
9.9
158.0
0.107
1.5SMC110A
FZJ
105.0
116.0
1.0
94.0
5.0
10.3
152.0
0.107
1.5SMC120
GDJ
108.0
132.0
1.0
97.2
5.0
9.1
173.0
0.107
1.5SMC120A
GEJ
114.0
126.0
1.0
102.0
5.0
9.5
165.0
0.107
1.5SMC130
GFJ
117.0
143.0
1.0
106.0
5.0
8.4
187.0
0.107
1.5SMC130A
GGJ
124.0
137.0
1.0
111.0
5.0
8.7
179.0
0.107
1.5SMC150
GHJ
135.0
165.0
1.0
121.0
5.0
7.3
215.0
0.108
1.5SMC150A
GKJ
143.0
158.0
1.0
128.0
5.0
7.6
207.0
0.108
1.5SMC160
GLJ
144.0
176.0
1.0
130.0
5.0
6.8
230.0
0.108
1.5SMC160A
GMJ
152.0
168.0
1.0
136.0
5.0
7.1
219.0
0.108
1.5SMC170
GNJ
153.0
187.0
1.0
138.0
5.0
6.4
244.0
0.108
1.5SMC170A
GPJ
162.0
179.0
1.0
145.0
5.0
6.7
234.0
0.108
1.5SMC180
GQJ
162.0
198.0
1.0
146.0
5.0
6.1
258.0
0.108
1.5SMC180A
GRJ
171.0
189.0
1.0
154.0
5.0
6.4
246.0
0.108
1.5SMC200
GSJ
180.0
220.0
1.0
162.0
5.0
5.4
287.0
0.108
1.5SMC200A
GTJ
190.0
210.0
1.0
171.0
5.0
5.7
274.0
0.108
Notes:
1. VBR measured after IT applied for 300us, IT =square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or Ca suffix for types 1.5SMC 6.8 through 1.5SMC200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359


Similar Part No. - 1.5SMC13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC13 TSC-1.5SMC13 Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
1.5SMC13 ZSELEC-1.5SMC13 Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
1.5SMC13 ETC1-1.5SMC13 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
Nantong Hornby Electron...
1.5SMC13 HORNBY-1.5SMC13 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC13 TSC-1.5SMC13 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com