Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F51113ADFK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F51113ADFK
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51113ADFK Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F51113ADFK Datasheet HTML 1Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 2Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 3Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 4Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 5Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 6Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 7Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 8Page - Renesas Technology Corp R5F51113ADFK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 5 of 107
Jun 19, 2013
RX111 Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX111 Group
64 Pins
48 Pins
40 Pins
36 Pins
Interrupts
External interrupts
NMI, IRQ0 to IRQ7
DMA
Data transfer controller
Supported
Timers
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
POE0#, POE2#, POE3#, POE8#
Compare match timer
2 channels × 1 unit
Realtime clock
Supported
Not supported
Independent watchdog timer
Supported
Communication
functions
Serial communications interfaces
[simple I2C, simple SPI]
2 channels (SCI1, SCI5)
Serial communications interface
[simple I2C, simple SPI]
1 channel (SCI12)
I2C bus interface
1 channel
Serial peripheral interface
1 channel
1 channel
(SSLA1 and
SSLA3 are not
supported)
1 channel
(SSLA1 to SSLA3 are not supported)
USB 2.0 host/function module
(USBc)
1 channel
(Host/Function/
OTG)
1 channel
(Host/Function)
12-bit A/D converter
(including high-precision channels)
14 channels
(6 channels)
10 channels
(4 channels)
8 channels
(3 channels)
7 channels
(2 channels)
D/A converter
2 channels
Not supported
Temperature sensor
Supported
CRC calculator
Supported
Event link controller
Supported
Packages
64-pin LFQFP
64-pin LQFP
64-pin WFLGA
48-pin LFQFP
48-pin HWQFN
40-pin HWQFN
36-pin WFLGA


Similar Part No. - R5F51113ADFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51113ADFK RENESAS-R5F51113ADFK Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F51113ADFK RENESAS-R5F51113ADFK Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F51113ADFK RENESAS-R5F51113ADFK Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F51113ADFK#3A RENESAS-R5F51113ADFK#3A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F51113ADFK30 RENESAS-R5F51113ADFK30 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results

Similar Description - R5F51113ADFK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com